Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3181JRQZ-RL Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3181JRQZ-RL
Description  5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3181JRQZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3181JRQZ-RL Datasheet HTML 6Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 7Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 8Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 9Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 10Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 11Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 12Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 13Page - Analog Devices ADP3181JRQZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP3181
Rev. A | Page 10 of 24
MASTER CLOCK FREQUENCY
The clock frequency of the ADP3181 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in Figure 6. To determine the frequency per
phase, the clock is divided by the number of phases in use. If
PWM4 is grounded, then divide the master clock by 3 for the
frequency of the remaining phases. If PWM3 and 4 are
grounded, then divide by 2. If all phases are in use, divide by 4.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3181 combines differential sensing with a high
accuracy VID DAC and reference and a low offset error
amplifier to maintain a worst-case specification of ±14.5 mV
differential sensing error over its full operating output voltage
and temperature range. The output voltage is sensed between
the FB and FBRTN pins. FB should be connected through a
resistor to the regulation point, usually the remote sense pin of
the microprocessor. FBRTN should be connected directly to the
remote sense ground point. The internal VID DAC and
precision reference are referenced to FBRTN, which has a
minimal current of 100 μA to allow accurate remote sensing.
The internal error amplifier compares the output of the DAC to
the FB pin to regulate the output voltage.
OUTPUT CURRENT SENSING
The ADP3181 provides a dedicated current sense amplifier
(CSA) to monitor the total output current for proper voltage
positioning versus load current and for current limit detection.
Sensing the load current at the output gives the total average
current being delivered to the load, which is an inherently more
accurate method then peak current detection or sampling the
current across a sense element such as the low side MOSFET.
This amplifier can be configured several ways depending on the
objectives of the system:
Output inductor ESR sensing without a thermistor for
lowest cost.
Output inductor ESR sensing with a thermistor for
improved accuracy with tracking of inductor temperature.
Sense resistors for highest accuracy measurements.
The positive input of the CSA is connected to the CSREF pin,
which is connected to the output voltage. The inputs to the
amplifier are summed together through resistors from the
sensing element (such as the switch node side of the output
inductors) to the inverting input, CSSUM. The feedback resistor
between CSCOMP and CSSUM sets the gain of the amplifier,
and a filter capacitor is placed in parallel with this resistor. The
gain of the amplifier is programmable by adjusting the feedback
resistor to set the load line required by the microprocessor. The
current information is then given as the difference of CSREF –
CSCOMP. This difference signal is used internally to offset the
VID DAC for voltage positioning and as a differential input for
the current limit comparator.
To provide the best accuracy for the sensing of current, the CSA
has been designed to have a low offset input voltage. Also, the
sensing gain is determined by external resistors so that it can be
made extremely accurate.
ACTIVE IMPEDANCE CONTROL MODE
For controlling the dynamic output voltage droop as a function
of output current, a signal proportional to the total output cur-
rent at the CSCOMP pin can be scaled to be equal to the droop
impedance of the regulator times the output current. This
droop voltage is then used to set the input control voltage to the
system. The droop voltage is subtracted from the DAC refer-
ence input voltage directly to tell the error amplifier where the
output voltage should be. This differs from previous implemen-
tations and allows enhanced feed-forward response.
CURRENT CONTROL MODE AND THERMAL
BALANCE
The ADP3181 has individual inputs for each phase, which are
used for monitoring the current in each phase. This informa-
tion is combined with an internal ramp to create a current
balancing feedback system that has been optimized for initial
current balance accuracy and dynamic thermal balancing
during operation. This current balance information is indepen-
dent of the average output current information used for
positioning described previously.
The magnitude of the internal ramp can be set to optimize
the transient response of the system. It also monitors the supply
voltage for feed-forward control for changes in the supply.
A resistor connected from the power input voltage to the
RAMPADJ pin determines the slope of the internal PWM
ramp. Detailed information about programming the ramp is
given in the Applications section.
External resistors can be placed in series with individual phases
to create an intentional current imbalance, such as when one
phase may have better cooling and can support higher currents.
Resistors RSW1 through RSW4 (see the typical application cir-
cuit in Figure 10) can be used for adjusting thermal balance. It
is best to have the ability to add these resistors during the initial
design, so make sure placeholders are provided in the layout.
To increase the current in any phase, make RSW for that phase
larger (make RSW = 0 for the hottest phase; do not change
during balancing). Increasing RSW to only 500 Ω makes a
substantial increase in phase current. Increase each RSW value by
small amounts to achieve balance, starting with the coolest
phase first.


Similar Part No. - ADP3181JRQZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3182JRQZ-RL AD-ADP3182JRQZ-RL Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3181JRQZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com