Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVE222FA Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVE222FA
Description  Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE222FA Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVE222FA Datasheet HTML 1Page - ON Semiconductor MC100LVE222FA Datasheet HTML 2Page - ON Semiconductor MC100LVE222FA Datasheet HTML 3Page - ON Semiconductor MC100LVE222FA Datasheet HTML 4Page - ON Semiconductor MC100LVE222FA Datasheet HTML 5Page - ON Semiconductor MC100LVE222FA Datasheet HTML 6Page - ON Semiconductor MC100LVE222FA Datasheet HTML 7Page - ON Semiconductor MC100LVE222FA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100LVE222
http://onsemi.com
2
VCCO
40
41
42
43
44
45
46
47
48
49
50
51
52
25
24
23
22
21
20
19
18
17
16
15
14
1234
56789
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
26
MC100LVE222
Qd5
Qd5
Qd4
Qd4
Qd3
Qd3
Qd2
Qd2
Qd1
Qd1
Qd0
Qd0
VCCO
Qa0
Qa0
Qa1
Qa1
VCCO
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
VCCO
LOGIC SYMBOL
Qa0:1
CLK0
MR
2
÷2
÷1
fsela
CLK0
CLK1
CLK1
CLK_Sel
Qa0:1
Qb0:2
3
Qb0:2
VBB
fselb
Qc0:3
4
Qc0:3
fselc
Qd0:5
6
Qd0:5
fseld
Pinout: 52–Lead TQFP (Top View)
FUNCTION TABLE
Input
Function
Active
CLK0
÷1
MR
CLK_Sel
fseln
01
Reset
CLK1
÷2


Similar Part No. - MC100LVE222FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE222FA ONSEMI-MC100LVE222FA Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAG ONSEMI-MC100LVE222FAG Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2 ONSEMI-MC100LVE222FAR2 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2G ONSEMI-MC100LVE222FAR2G Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
More results

Similar Description - MC100LVE222FA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com