Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21366SBBC-ENG Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-21366SBBC-ENG
Description  SHARC Processor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21366SBBC-ENG Datasheet(HTML) 4 Page - Analog Devices

  ADSP-21366SBBC-ENG Datasheet HTML 1Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 2Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 3Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 4Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 5Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 6Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 7Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 8Page - Analog Devices ADSP-21366SBBC-ENG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Rev. PrA
|
Page 4 of 54
|
September 2004
ADSP-21365/6
Preliminary Technical Data
Independent, Parallel Computation Units
Within each processing element is a set of computational units.
The computational units consist of an arithmetic/logic unit
(ALU), multiplier, and shifter. These units perform all opera-
tions in a single cycle. The three units within each processing
element are arranged in parallel, maximizing computational
throughput. Single multifunction instructions execute parallel
ALU and multiplier operations. In SIMD mode, the parallel
ALU and multiplier operations occur in both processing ele-
ments. These computation units support IEEE 32-bit single-
precision floating-point, 40-bit extended precision floating-
point, and 32-bit fixed-point data formats.
Data Register File
A general-purpose data register file is contained in each pro-
cessing element. The register files transfer data between the
computation units and the data buses, and store intermediate
results. These 10-port, 32-register (16 primary, 16 secondary)
register files, combined with the ADSP-2136x enhanced Har-
vard architecture, allow unconstrained data flow between
computation units and internal memory. The registers in PEX
are referred to as R0-R15 and in PEY as S0-S15.
Single-Cycle Fetch of Instruction and Four Operands
The ADSP-21365/6 features an enhanced Harvard architecture
in which the data memory (DM) bus transfers data and the pro-
gram memory (PM) bus transfers both instructions and data
(see Figure 1 on page 1). With the ADSP-21365/6’s separate
program and data memory buses and on-chip instruction cache,
the processor can simultaneously fetch four operands (two over
each data bus) and one instruction (from the cache), all in a sin-
gle cycle.
Instruction Cache
The ADSP-21365/6 includes an on-chip instruction cache that
enables three-bus operation for fetching an instruction and four
data values. The cache is selective—only the instructions whose
fetches conflict with PM bus data accesses are cached. This
cache allows full-speed execution of core, looped operations
such as digital filter multiply-accumulates, and FFT butterfly
processing.
Data Address Generators With Zero-Overhead Hardware
Circular Buffer Support
The ADSP-21365/6’s two data address generators (DAGs) are
used for indirect addressing and implementing circular data
buffers in hardware. Circular buffers allow efficient program-
ming of delay lines and other data structures required in digital
Figure 2. ADSP-21365/6 System Sample Configuration
DAI
SPI
ID P
SR C
SPD IF
SP OR T0-5
SC LK 0
SD 0A
SFS0
SD 0B
SR U
DAI_P1
DA I_ P2
DA I_ P3
DAI_P 18
DAI _P 19
DA I_ P2 0
DAC
(OPTI ONA L)
ADC
(OPTI ONA L)
FS
CLK
SD AT
FS
CLK
SD AT
3
CLOC K
FLA G3-1
2
2
CLK IN
XTA L
CLK _CFG1-0
B OOTC FG1 -0
ADDR
PARALLEL
POR T
RAM , ROM
BOO T R OM
I/O D EVI CE
OE
DATA
WE
RD
WR
CLKOUT
ALE
AD 1 5-0
LA TCH
RES ET
JTA G
6
ADSP -21365/6
CS
FLA G0
PCG B
PC GA
CLK
FS
TIME R S


Similar Part No. - ADSP-21366SBBC-ENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21366 AD-ADSP-21366 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366BBC-1AA AD-ADSP-21366BBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366BBCZ-1AA AD-ADSP-21366BBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366KBC-1AA AD-ADSP-21366KBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21366KBCZ-1AA AD-ADSP-21366KBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21366SBBC-ENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com