Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9035A Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9035A
Description  Serial Digital Reclocker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9035A Datasheet(HTML) 2 Page - Gennum Corporation

  GS9035A Datasheet HTML 1Page - Gennum Corporation GS9035A Datasheet HTML 2Page - Gennum Corporation GS9035A Datasheet HTML 3Page - Gennum Corporation GS9035A Datasheet HTML 4Page - Gennum Corporation GS9035A Datasheet HTML 5Page - Gennum Corporation GS9035A Datasheet HTML 6Page - Gennum Corporation GS9035A Datasheet HTML 7Page - Gennum Corporation GS9035A Datasheet HTML 8Page - Gennum Corporation GS9035A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GENNUM CORPORATION
522 - 41 - 08
2 of 14
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (VS)
5.5V
Input Voltage Range (any input)
VCC + 0.5 to VEE - 0.5V
Operating Temperature Range
0°C
≤ T
A ≤ 70°C
Storage Temperature Range
-65°C
≤ T
S ≤ 150°C
Lead Temperature (soldering, 10 sec)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V, VEE = 0V, TA = 0° – 70°C unless otherwise stated, RLF = 1.8K, CLF1 = 15nF, CLF2 = 3.3pF.
PARAMETER
CONDITION
MIN
TYPICAL
1
MAX
UNITS
NOTES
TEST
LEVEL
Supply Voltage
4.75
5.00
5.25
V
3
Supply Current
CLK_EN = 0
-
90
110
mA
3
CLK_EN = 1
-
105
120
mA
3
DDI/DDI Common Mode Input
Voltage Range
VEE + (VDIFF/2)
0.4 to 4.6
VCC - (VDIFF/2)
V
2
3
DDI/DDI Differential Input
Drive
200
800
2000
mV
3
AUTO/MAN, SMPTE
High
2.0
-
-
V
3
Low
-
-
0.8
CLK_EN Input Voltage
High
2.5
-
-
V
3
Low
-
-
0.8
LOCK Output Low Voltage
Ι
OH = 500µA
-
0.25
0.4
V
3
1
SS{2:0} Output Voltage
HIGH,
Ι
OH = -180µA,
Auto Mode
4.4
4.8
-
V
1
LOW,
Ι
OL = 600µA,
Auto Mode
-0.3
0.4
SS{2:0} Input Voltage
HIGH, Manual Mode
2
-
-
V
3
LOW, ManualMode
-
-
0.8
CLK_EN Source Current
Low, VIL = 0V
-
26
55
µA
1
NOTES
1. TYPICAL - measured on EB-RD35A board.
2. VDIFF is the differential input signal swing.
3. LOCK is an open collector output and requires an
external pull-up resistor.
4. Pins SS[2:0] are outputs in AUTO mode and inputs in
MANUAL mode.
TEST LEVELS
1. Production test at room temperature and nominal supply
voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply
voltage with guardbands for supply and temperature ranges
using correlated test.
3. Production test at room temperature and nominal supply
voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.


Similar Part No. - GS9035A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9035CCPJ GENNUM-GS9035CCPJ Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9035CCTJ GENNUM-GS9035CCTJ Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
More results

Similar Description - GS9035A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com