Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3027 Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3027
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3027 Datasheet(HTML) 2 Page - International Rectifier

  IRU3027 Datasheet HTML 1Page - International Rectifier IRU3027 Datasheet HTML 2Page - International Rectifier IRU3027 Datasheet HTML 3Page - International Rectifier IRU3027 Datasheet HTML 4Page - International Rectifier IRU3027 Datasheet HTML 5Page - International Rectifier IRU3027 Datasheet HTML 6Page - International Rectifier IRU3027 Datasheet HTML 7Page - International Rectifier IRU3027 Datasheet HTML 8Page - International Rectifier IRU3027 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Rev. 1.5
07/17/02
IRU3027
www.irf.com
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
V5 Supply Voltage ....................................................
7V
V12 Supply Voltage ..................................................
20V
Storage Temperature Range ......................................
-65 To 150°C
Operating Junction Temperature Range .....................
0 To 125°C
PACKAGE INFORMATION
28 PIN WIDE BODY PLASTIC SOIC (W)
Unless otherwise specified, these specifications apply over V12=12V, V5=5V and TA=0 to 70°C. Typical values refer
to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
uJA =808C/W
Drive2
Fix
VID4
VID3
VID2
VID1
VID0
PGood
SD
VSEN2
Select
SS
Fault / Rt
VSEN4
Drive4
NC
Gnd
Drive3
VSEN3
V5
Fb
VSEN1
OCSet
PGnd
LGate
Phase
UGate
V12
4
3
2
1
25
26
27
28
14
7
6
5
15
22
23
24
TOP VIEW
13
16
12
17
11
18
10
19
9
20
8
21
Supply UVLO Section
UVLO Threshold-12V
UVLO Hysteresis-12V
UVLO Threshold-5V
UVLO Hysteresis-5V
Supply Current
Operating Supply Current
VID Section (Vcore only)
DAC Output Voltage (Note 1)
DAC Output Line Regulation
DAC Output Temp Variation
VID Input LO
VID Input HI
VID Input Internal Pull-Up
Resistor to V5
VSEN2 Voltage
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Switching Controllers; Vcore (VSEN1) and AGP (VSEN2)
Supply Ramping Up
Supply Ramping Up
V12
V5
Select <0.8V
Select >2V
0.99Vs
2
10
0.6
4.4
0.3
6
30
Vs
0.1
0.5
27
1.5
3.3
1.01Vs
0.8
V
V
V
V
mA
V
%
%
V
V
K
V
V


Similar Part No. - IRU3027

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
IRU3021MCW IRF-IRU3021MCW Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
More results

Similar Description - IRU3027

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3013 IRF-IRU3013 Datasheet
122Kb / 6P
   VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com