Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3027CW Datasheet(PDF) 7 Page - International Rectifier

Part # IRU3027CW
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3027CW Datasheet(HTML) 7 Page - International Rectifier

Back Button IRU3027CW Datasheet HTML 2Page - International Rectifier IRU3027CW Datasheet HTML 3Page - International Rectifier IRU3027CW Datasheet HTML 4Page - International Rectifier IRU3027CW Datasheet HTML 5Page - International Rectifier IRU3027CW Datasheet HTML 6Page - International Rectifier IRU3027CW Datasheet HTML 7Page - International Rectifier IRU3027CW Datasheet HTML 8Page - International Rectifier IRU3027CW Datasheet HTML 9Page - International Rectifier IRU3027CW Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRU3027
7
Rev. 1.5
07/17/02
www.irf.com
Figure 3 - Typical application of IRU3027 for the AMD Slot A socket.
TYPICAL APPLICATION
12V
Vcc3
VOUT4
1.8V
PGood
Vcore
C22
C1
L1
R18
C24
Q7
C23
R8
R15
C29
L3
R9
R5
Q2
C9
C20
R4
C19
Q12
C37
C38
R14
5V
C15
U1
Q10
C25
VOUT2
1.5V / 3.3V
Type Detect
R19
C28
Vcc3
R1
Q8
Q3
Q9
Q4
R2
C17
R3
Q1
Q5
Q6
Q11
C27
R17
R10
L2
D1
C39
C43
C69
C77
C18
Drive3
VSEN4
Gnd
VSEN3
Select
SD
VID3
VID2
Fault / Rt
VID1
VID0
PGnd
V12
Drive4
LGate
Phase
UGate
OCSet
SS
Fb
VSEN1
PGOOD
NC
Drive2
VSEN2
VID4
Fix
V5
IRU3027


Similar Part No. - IRU3027CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
IRU3021MCW IRF-IRU3021MCW Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
More results

Similar Description - IRU3027CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3013 IRF-IRU3013 Datasheet
122Kb / 6P
   VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com