Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV1024L-55T Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS62LV1024L-55T
Description  128K x 8 LOW POWER AND LOW Vcc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV1024L-55T Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS62LV1024L-55T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV1024L-55T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated Circuit Solution Inc.
1
LPSR018-0D 07/06/2001
IS62LV1024L/LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
1+51 IS62LV1024L and IS62LV1024LL are low power
and low Vcc,131,072-word by 8-bit CMOS static RAMs. They
are fabricated using
1+51's high-performance CMOS technol-
ogy. This highly reliable process coupled with innovative circuit
design techniques, yields higher performance and low power
consumption devices.
When CE1 is HIGH or CE2 is LOW (deselected), the device
assumes a standby mode at which the power dissipation can
be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip Enable
inputs, CE1 and CE2. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IS62LV1024L and IS62LV1024LL are available in 32-pin
8*20mm TSOP-1, 8*13.4mm TSOP-1, 450mil SOP and 48-pin
6*8mm T.-BGA.
.UNCTIONAL BLOCK DIAGRAM
A0-A16
CE1
OE
WE
512 X 2048
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
IS62LV1024L
IS62LV1024LL
128K x 8 LOW POWER and LOW Vcc
CMOS STATIC RAM
.EATURES
• Access times of 45, 55, and 70 ns
• Low active power: 60 mW (typical)
• Low standby power: 15 µW (typical) CMOS
standby
• Low data retention voltage: 2V (min.)
• Available in Low Power (-L) and
Ultra Low Power (-LL)
• Output Enable (OE) and two Chip Enable
(CE1 and CE2) inputs for ease in applications
• TTL compatible inputs and outputs
• Single 2.7V to 3.6V power supply


Similar Part No. - IS62LV1024L-55T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1024L-55T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1024AL ICSI-IC62LV1024AL Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com