Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64C6416AL-15KA3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS64C6416AL-15KA3
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64C6416AL-15KA3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS64C6416AL-15KA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64C6416AL-15KA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. A
01/17/05
ISSI®
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
IS61C6416AL
IS64C6416AL
IS62C6416AL
IS65C6416AL
FEATURES
IS61C6416AL and IS64C6416AL
High-speed access time: 12 ns, 15ns
Low Active Power: 175 mW (typical)
Low Standby Power: 1 mW (typical)
CMOS standby
IS62C6416AL and IS65C6416AL
High-speed access time: 35 ns, 45ns
Low Active Power: 50 mW (typical)
Low Standby Power: 100 µW (typical)
CMOS standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Available in 44-pin SOJ package and
44-pin TSOP (Type II)
• Commercial, Industrial and Automotive tempera-
ture ranges available
• Lead-free available
DESCRIPTION
The
ISSI IS61C6416AL, IS62C6416AL, IS64C6416AL and
IS65C6416AL are high-speed, 1,048,576-bit static RAMs
organized as 65,536 words by 16 bits. They are fabricated
using
ISSI'shigh-performanceCMOStechnology.Thishighly
reliable process coupled with innovative circuit design tech-
niques, yields access times as fast as 12 ns with low power
consumption.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be reduced
down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (
UB) and Lower Byte (LB)
access.
The IS61C6416AL, IS62C6416AL, IS64C6416AL and
IS65C6416AL are packaged in the JEDEC standard 44-pin
400-mil SOJ and 44-pin TSOP (Type II).
FUNCTIONAL BLOCK DIAGRAM
JANUARY 2005
A0-A15
CE
OE
WE
64K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
64K x 16 HIGH-SPEED CMOS STATIC RAM


Similar Part No. - IS64C6416AL-15KA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64C6416AL-15KA3

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com