Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV1024L-70T Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IS62LV1024L-70T
Description  128K x 8 LOW POWER AND LOW Vcc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV1024L-70T Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IS62LV1024L-70T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 9Page - Integrated Circuit Solution Inc IS62LV1024L-70T Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Integrated Circuit Solution Inc.
9
LPSR018-0D 07/06/2001
IS62LV1024L/LL
DATA RETENTION WAVE.ORM (CE2 Controlled)
VCC
CE2
≤ 0.2V
tSDR
tRDR
VDR
0.4V
CE2
GND
3.0V
2.2V
Data Retention Mode
IS62LV1024L
ORDERING IN.ORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
45
IS62LV1024L-45Q
450mil SOP
IS62LV1024L-45T
8*20mm TSOP-1
IS62LV1024L-45H
8*13.4mm TSOP-1
IS62LV1024L-45B
6*8mm T.-BGA
55
IS62LV1024L-55Q
450mil SOP
IS62LV1024L-55T
8*20mm TSOP-1
IS62LV1024L-55H
8*13.4mm TSOP-1
IS62LV1024L-55B
6*8mm T.-BGA
70
IS62LV1024L-70Q
450mil SOP
IS62LV1024L-70T
8*20mm TSOP-1
IS62LV1024L-70H
8*13.4mm TSOP-1
IS62LV1024L-70B
6*8mm T.-BGA
IS62LV1024L
ORDERING IN.ORMATION
Industrial Range: –40°C to +85°C
Speed (ns) Order Part No.
Package
45
IS62LV1024L-45QI
450mil SOP
IS62LV1024L-45TI
8*20mm TSOP-1
IS62LV1024L-45HI
8*13.4mm TSOP-1
IS62LV1024L-45BI
6*8mm T.-BGA
55
IS62LV1024L-55QI
450mil SOP
IS62LV1024L-55TI
8*20mm TSOP-1
IS62LV1024L-55HI
8*13.4mm TSOP-1
IS62LV1024L-55BI
6*8mm T.-BGA
70
IS62LV1024L-70QI
450mil SOP
IS62LV1024L-70TI
8*20mm TSOP-1
IS62LV1024L-70HI
8*13.4mm TSOP-1
IS62LV1024L-70BI
6*8mm T.-BGA


Similar Part No. - IS62LV1024L-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1024L-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1024AL ICSI-IC62LV1024AL Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com