Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL13 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEL13
Description  Dual 1:3 Fanout Buffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL13 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEL13 Datasheet HTML 1Page - ON Semiconductor MC100LVEL13 Datasheet HTML 2Page - ON Semiconductor MC100LVEL13 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 1
© Motorola, Inc. 1996
4/95
Dual 1:3 Fanout Buffer
The MC100LVEL13 is a dual, fully differential 1:3 fanout buffer. The
MC100EL13 is pin and functionally equivalent to the MC100LVEL13 but
is specified for operation at the standard 100E ECL voltage supply. The
Low Output–Output Skew of the device makes it ideal for distributing two
different frequency synchronous signals.
The differential inputs have special circuitry which ensures device
stability under open input conditions. When both differential inputs are left
open the D input will pull down to VEE, The D input will bias around VCC/2
and the Q output will go LOW.
Differential Inputs and Outputs
20–Lead SOIC Packaging
500ps Typical Propagation Delays
50ps Output–Output Skews
Supports Both Standard and Low Voltage 100K ECL
>2000V ESD Protection
CLKa
Logic Diagram and Pinout: 20–Lead SOIC (Top View)
CLKa
CLKb
VCC
17
18
16
15
14
13
12
4
3
5678
9
Q2a
11
10
Q2a
VCC
Q2b
Q2b
Q1b
Q1b
VEE
Q0a
19
20
2
1
Q1a
Q1a
VCC
CLKb
Q0a
Q0b
Q0b
MC100LVEL13
DC CHARACTERISTICS (VEE = –3.0V to –3.8V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
30
38
30
38
30
38
32
40
mA
IIH
Input HIGH Current
150
150
150
150
µA
IINL
Input LOW Current
Dn
Dn
0.5
–300
0.5
–300
0.5
–300
0.5
–300
µA
MC100LVEL13
MC100EL13
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D–04
1
20
PIN NAMES
Function
Differential Clock Outputs
Differential Clock Outputs
Differential Clock Inputs
Pins
Qna, Qna
Qnb, Qnb
CLKn, CLKn


Similar Part No. - MC100LVEL13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13 Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL13DW ONSEMI-MC100LVEL13DW Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL13DWG ONSEMI-MC100LVEL13DWG Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL13DWG ONSEMI-MC100LVEL13DWG Datasheet
154Kb / 6P
   ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL13DWR2 ONSEMI-MC100LVEL13DWR2 Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
More results

Similar Description - MC100LVEL13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13_16 Datasheet
154Kb / 6P
   ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL13 ONSEMI-MC100LVEL13_06 Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
MC100EL13 ONSEMI-MC100EL13_06 Datasheet
116Kb / 6P
   5V ECL Dual 1:3 Fanout Buffer
October, 2006 ??Rev. 5
MC100EL13 ONSEMI-MC100EL13_16 Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
logo
Diodes Incorporated
PI6C5913004-01 DIODES-PI6C5913004-01 Datasheet
1Mb / 12P
   3 GHz 1:4 LVPECL Fanout Buffer
Rev A October 2016
logo
Integrated Device Techn...
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
   Dual 1:2, LVDS Output Fanout Buffer
logo
Renesas Technology Corp
8SLVD2102 RENESAS-8SLVD2102 Datasheet
645Kb / 19P
   Dual 1:2, LVDS Output Fanout Buffer
January 21, 2018
logo
Integrated Device Techn...
8SLVD2104 IDT-8SLVD2104 Datasheet
436Kb / 16P
   Dual 1:4, LVDS Output Fanout Buffer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com