Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV1024L-45QI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS62LV1024L-45QI
Description  128K x 8 LOW POWER AND LOW Vcc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV1024L-45QI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS62LV1024L-45QI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV1024L-45QI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Integrated Circuit Solution Inc.
LPSR018-0D 07/06/2001
IS62LV1024L/LL
IS62LV1024L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-45L ns
-55L ns
-70L ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating VCC = Max., CE = VIL
Com.
—
40
—
35
—
30
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
45
—
40
—
35
ISB
TTL Standby Current
VCC = Max.,
Com.
—
0.3
—
0.3
—
0.3
mA
(TTL Inputs)
VIN = VIH or VIL, CE1 ≥ VIH Ind.
—
0.4
—
0.4
—
0.4
or CE2 ≤ VIL, f = 0
ISB
CMOS Standby
VCC = Max., f = 0
Com.
—
50
—
50
—
50
µA
Current (CMOS Inputs)
CE1 ≥ VCC – 0.2V,
Ind.
—
75
—
75
—
75
CE2 ≤ 0.2V,
or VIN ≥ VCC – 0.2V, VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
IS62LV1024LL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-45LL ns
-55LL ns
-70LL ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating VCC = Max., CE = VIL
Com.
—
40
—
35
—
30
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
45
—
40
—
35
ISB
TTL Standby Current
VCC = Max.,
Com.
—
0.2
—
0.2
—
0.2
mA
(TTL Inputs)
VIN = VIH or VIL, CE1 ≥ VIH Ind.
—
0.3
—
0.3
—
0.3
or CE2 ≤ VIL, f = 0
ISB
CMOS Standby
VCC = Max., f = 0
Com.
—
5
—
5
—
5
µA
Current (CMOS Inputs)
CE1 ≥ VCC – 0.2V,
Ind.
—
10
—
10
—
10
CE2 ≤ 0.2V,
or VIN ≥ VCC – 0.2V, VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IS62LV1024L-45QI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1024L-45QI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1024AL ICSI-IC62LV1024AL Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com