Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMASME494ATF03 Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASME494ATF03
Description  Any 2G/3G/4G Band for TRx system
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASME494ATF03 Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RMASME494ATF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Approval Sheet
Page 9 of 16
ASC_RMASME494ATF03_V03
Sep.2017
Table 10. Digital Interface Timing Specifications
(Top= 25°C, VDD = 2.8 V, VIO=1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Condition
Min.
Max.
Unit
Data Setup Time (Note 1)
TS
See the Figure 6, input Tr/Tf = 3.5 to 6.5ns
1
-
ns
Data Hold Time (Note 1)
TH
See the Figure 6, input Tr/Tf = 3.5 to 6.5ns
5
-
ns
Time for Data Output Valid from
SCLK rising edge (Note 2)
TD
Half Speed Read
See the Figure 6 and 7, input Tr/Tf = 3.5 to 10ns
0
22
ns
SDATA Output Transition
(Rise/Fall) Time
TSDATAOTR
Half Speed Read
See the Figure 6 and 7, input Tr/Tf = 3.5 to 10ns
2.1
10
ns
Data Drive Release Time
TSDATAZ
Half Speed Read
See the Figure 6 and 7, input Tr/Tf = 3.5 to 10ns
-
18
ns
Vio Supply Rise Time
TVIO-R
See the Figure 8
-
400
μs
RFFE I/O Voltage Reset Timing
TVIO-RST
See the Figure 8
10
-
μs
Signal Reset Delay Time
TSIGOL
See the Figure 8
120
-
μs
RF Switching Time
TSW
See the Figure 9
-
5
μs
Switching Interval (Note 3)
Tint
See the Figure 9
20
-
μs
Startup Time (Note 4)
TSU
See the Figure 4
-
20
μs
Note 1 : Input SDATA is sampled at the falling edge of the SCLK.
Note 2 : Output SDATA changes at the rising edge of the SCLK.
Note 3 : The time between the consecutive Register Write Command Sequences for the Switch State register.
Note 4 : The time for the switch to reach Active State.
Note : The table of input SCLK signal conditions as below.
Parameter
Symbol
Ratings
Unit
SCLK Frequency
FSCLK
Full Speed
0.032 to 26
MHz
Half Speed
0.032 to 13
SCLK Period
TSCLK
Full Speed
0.038 to 32
μs
Half Speed
0.077 to 32
SCLK Rise/Fall Time
TSCLKITR
Full/Half Speed
3.5 to 6.5
ns
SCLK Input Duty Cycle,
High/Low Time
TSCLKDCH
TSCLKDCL
50
%


Similar Part No. - RMASME494ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RMASMF496ATF03 WALSIN-RMASMF496ATF03 Datasheet
856Kb / 17P
   Any 2G/3G/4G Band for TRx system
RMASMNT1492ATF03 WALSIN-RMASMNT1492ATF03 Datasheet
764Kb / 17P
   Any 2G/3G/4G Handset Application
RMASMP491ATF03 WALSIN-RMASMP491ATF03 Datasheet
720Kb / 17P
   Any 2G/3G/4G Handset Application
RMASMS535ATF03 WALSIN-RMASMS535ATF03 Datasheet
708Kb / 15P
   Any 2G/3G/4G Handset Application
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
More results

Similar Description - RMASME494ATF03

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
RMASMU890ATF03 WALSIN-RMASMU890ATF03 Datasheet
706Kb / 14P
   Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
   Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com