Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC03-05D12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PFKC03-05D12
Description  3 WATTS REGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFKC03-05D12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PFKC03-05D12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFKC03-05D12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Output power
3 Watts max
Voltage accuracy
Full load and nominal Vin
± 2%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
25% to 100% FL Single
Dual
± 0.2%
± 2%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
3.3V/5V
others
75mVp-p
1%/p-p of Vout max
Temperature coefficient
I0.02% / ºC, max
Transient response recovery time 25% load step change
500uS
Over load protection
% of FL at nominal input
180% typ
Short circuit protection
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 6VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
5V input
12V input
24V input
48V input
15VDC
36VDC
50VDC
100VDC
Input reflected ripple
Nominal Vin and full load
120mAp-p
Start up time
Nominal Vin and constant resistor load
30mS typ
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Standard
Suffix-H
1600VDC, min
3000VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
300pF, max
Switching frequency
100KHz, min
Approvals and standard
IEC60950, UL1950, EN60950
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
14g (0.48oz)
15g (0.52oz)
MTBF (Note 2)
3.69 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-25ºC ~ +71ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 2G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Level A
Radiated emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria2
Radiated immunity
EN61000-4-3
Perf. Criteria2
Fast transient
EN61000-4-4
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Conducted immunity
EN61000-4-6
Perf. Criteria2
The PFKC03 series offer 3 watts of output power from a package in an IC compatible 24
pin DIP configuration without derating to 71ºC ambient temperature and pin to pin
compatible to
PFKC05,FKC03,FKC05 series. PFKC03 series have 2:1 wide input
voltage of 4.5-6, 9-18, 18-36 and 36-75VDC. PFKC03 features 1600VDC of isolation and,
short-circuit protection and suffix “H” can get 3000VDC isolation. All models are
particularly suited to telecommunications, industrial, mobile telecom and test equipment
applications.
T E CH NI C A L SP E C I F IC A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
UL
E193009
TUV R50008270
CB
JPTUV-003680
CE MARK
3 WATTS REGULATED OUTPUT POWER
2:1 WIDE INPUT VOLTAGE RANGE
INTERNATIONAL SAFETY STANDARD APPROVAL
OVER CURRENT PROTECTION
HIGH EFFICIENCY UP TO 80%
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
50 60 70 80 90 100
-40-25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
PFKC03-48S05 Derating Curve
Nature convection


Similar Part No. - PFKC03-05D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PFKC03-05D12 P-DUKE-PFKC03-05D12 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC03-05D12 RSG-PFKC03-05D12 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03-05D12 P-DUKE-PFKC03-05D12 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC03-05D12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com