Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC03-24D05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PFKC03-24D05
Description  3 WATTS REGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFKC03-24D05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PFKC03-24D05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFKC03-24D05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(3)
Eff
(4)
(%)
Capacitor
(5)
Load max
PFKC03-05S33
4.5 – 6 VDC
3.3 VDC
600mA
649mA
66
2200uF
PFKC03-05S05
4.5 – 6 VDC
5 VDC
600mA
909mA
70
1000uF
PFKC03-05S12
4.5 – 6 VDC
12 VDC
250mA
835mA
76
170uF
PFKC03-05S15
4.5 – 6 VDC
15 VDC
200mA
845mA
75
110uF
PFKC03-05D05
4.5 – 6 VDC
± 5 VDC
± 300mA
870mA
73
± 500uF
PFKC03-05D12
4.5 – 6 VDC
± 12 VDC
± 125mA
845mA
75
± 96uF
PFKC03-05D15
4.5 – 6 VDC
± 15 VDC
± 100mA
870mA
73
± 47uF
PFKC03-12S33
9 – 18 VDC
3.3 VDC
600mA
266mA
70
2200uF
PFKC03-12S05
9 – 18 VDC
5 VDC
600mA
353mA
75
1000uF
PFKC03-12S12
9 – 18 VDC
12 VDC
250mA
333mA
79
170uF
PFKC03-12S15
9 – 18 VDC
15 VDC
200mA
343mA
77
110uF
PFKC03-12D05
9 – 18 VDC
± 5 VDC
± 300mA
348mA
76
± 500uF
PFKC03-12D12
9 – 18 VDC
± 12 VDC
± 125mA
338mA
78
± 96uF
PFKC03-12D15
9 – 18 VDC
± 15 VDC
± 100mA
333mA
79
± 47uF
PFKC03-24S33
18 – 36 VDC
3.3 VDC
600mA
123mA
71
2200uF
PFKC03-24S05
18 – 36 VDC
5 VDC
600mA
174mA
76
1000uF
PFKC03-24S12
18 – 36 VDC
12 VDC
250mA
164mA
80
170uF
PFKC03-24S15
18 – 36 VDC
15 VDC
200mA
164mA
80
110uF
PFKC03-24D05
18 – 36 VDC
± 5 VDC
± 300mA
172mA
77
± 500uF
PFKC03-24D12
18 – 36 VDC
± 12 VDC
± 125mA
167mA
79
± 96uF
PFKC03-24D15
18 – 36 VDC
± 15 VDC
± 100mA
167mA
79
± 47uF
PFKC03-48S33
36 – 75 VDC
3.3 VDC
600mA
61mA
72
2200uF
PFKC03-48S05
36 – 75 VDC
5 VDC
600mA
88mA
75
1000uF
PFKC03-48S12
36 – 75 VDC
12 VDC
250mA
84mA
79
170uF
PFKC03-48S15
36 – 75 VDC
15 VDC
200mA
84mA
79
110uF
PFKC03-48D05
36 – 75 VDC
± 5 VDC
± 300mA
86mA
77
± 500uF
PFKC03-48D12
36 – 75 VDC
± 12 VDC
± 125mA
84mA
79
± 96uF
PFKC03-48D15
36 – 75 VDC
± 15 VDC
± 100mA
84mA
79
± 47uF
Note
1.
PFKC03 series required a minimum
10% loading on the output to maintain
specified regulation. Operation under
no-load condition will not damage
these devices, however they may not
meet all listed specification
2.
BELLCORE TR-NWT-000332. Case
I: 50% Stress, Temperature at 40ºC.
(Ground fixed and controlled
environment)
3.
Maximum value at nominal input
voltage and full load of standard type.
4.
Typical value at nominal input voltage
and full load.
5.
Test by minimum Vin and constant
resistor load.
SMD PIN CONNECTION
PIN
SINGLE
DUAL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
9
NC
COMMON
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
16
- OUTPUT COMMON
10
NC
NC
15
NC
NC
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
Others
NC
NC
Others
NC
NC
DIP PIN CONNECTION
PIN
SINGLE
DUAL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
9
NC
COMMON
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
16
- OUTPUT COMMON
10
NC
NC
15
NC
NC
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
1. All dimensions in Inches (mm)
2. Pin pitch tolerance
I0.014(0.35)
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50)
Rectangular Pin
14
23
22
16
3
9
2
11
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.18(4.6)
BOTTOM
VIEW
15
10
Suffix-SMD
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)


Similar Part No. - PFKC03-24D05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PFKC03-24D05 P-DUKE-PFKC03-24D05 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC03-24D05 RSG-PFKC03-24D05 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03-24D05 P-DUKE-PFKC03-24D05 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC03-24D05

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com