Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0426D55A110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC0426D55A110
Description  426.550 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC0426D55A110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC0426D55A110 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0426D55A110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BRANCHY
RC0426D55A110
May 23, 2003
1
BRANCHY TECHNOLOGY CO., LTD.
TEL : ( 886 ) -3-4391499
No. 171, Tien-Tsin St., Pin-Chin City, Tao YuanHsien, Taiwan, R.O.C.
FAX : ( 886 ) -3-4395578
■ Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
0
dBm
DC voltage Between Terminals
10
VDC
Operating Temperature Range
-40 / +85
°C
Storage Temperature Range
-40 / +85
°C
Soldering Temperature
+250
°C
E
lectrostatic Sensitive Device ( ESD )
Ordering code
Marking
RC0426D55A110
RC0426A1, date code
Ambient temperature
Source impedance
Load impedance
Ta = 25 °C
Zs = 50 W
ZL = 50 W
Characteristic
Sym
Min.
Typ.
Max.
Units
Center Frequency
fc
426.475
426.550
426.625
MHz
Tolerance
Dfc
-----
-----
±75
KHz
Insertion Loss
IL
-----
1.5
2.2
dB
Quality Factor
Unloaded Q
Qu
-----
9250
-----
50W Loaded Q
QL
-----
2120
-----
RF Equivalent RLC Model
Motional Resistance
R1
-----
23
-----
W
Motional Capacitance
C1
-----
1.8
-----
fF
Motional Inductance
L1
-----
78.9
-----
mH
Parallel Capacitance
C0
-----
2.0
-----
pF
Temperature Stability
Turnover Temperature
To
10
25
40
°C
Temperature Coefficient FTC
-----
0.033
-----
ppm/°C²
Aging of fc
10
50
ppm/yr
1. Temperaturedependance of fc : fc ( Ta ) = fc ( To ) ( 1- FTC ( Ta - To)² )
426.550 MHz SAW Resonator
■ Features
l
One Port Resonator
l
Low Series Resistance
l
Quartz Stability
l
Small Sizes
4,8 : Case Ground
Pin Configuration
6 : Output
2 : Input
8
4
7 6 5
1 2 3


Similar Part No. - RC0426D55A110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0402 ETC1-RC0402 Datasheet
231Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
Samsung semiconductor
RC0402 SAMSUNG-RC0402 Datasheet
4Mb / 20P
   Passive components sales offices
logo
TAITRON Components Inco...
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
YAGEO Corporation
RC0402 YAGEO-RC0402 Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
RC0402 YAGEO-RC0402 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0426D55A110

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
   295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
   315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
   315.00 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com