Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LV51RD2BA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LV51RD2BA
Description  8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LV51RD2BA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LV51RD2BA Datasheet HTML 5Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 6Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 7Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 8Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 9Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 10Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 11Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 12Page - NXP Semiconductors P89LV51RD2BA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
Philips Semiconductors
P89LV51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Product data
Rev. 04 — 02 December 2004
9 of 77
9397 750 14342
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
ALE loading issue: When ALE pin experiences higher loading (>30 pF) during the reset, the microcontroller may accidentally enter into
modes other than normal working mode. The solution is to add a pull-up resistor of 3 k
Ω to 50 kΩ to V
DD, e.g., for ALE pin.
[2]
For 6-clock mode, ALE is emitted at 1
3 of crystal frequency.
EA
31
29
35
I
External Access Enable: EA must be connected to VSS
in order to enable the device to fetch code from the
external program memory. EA must be strapped to VDD
for internal program execution. However, Security lock
level 4 will disable EA, and program execution is only
possible from internal program memory. The EA pin can
tolerate a high voltage of 12 V.
ALE/
PROG
30
27
33
I/O
Address Latch Enable: ALE is the output signal for
latching the low byte of the address during an access to
external memory. This pin is also the programming
pulse input (PROG) for flash programming. Normally the
ALE[1] is emitted at a constant rate of 1
6 the crystal
frequency[2] and can be used for external timing and
clocking. One ALE pulse is skipped during each access
to external data memory. However, if AO is set to ‘1’,
ALE is disabled.
NC
-
6, 17, 28,
39
1, 12, 23,
34
I/O
No Connect
XTAL1
19
15
21
I
Crystal 1: Input to the inverting oscillator amplifier and
input to the internal clock generator circuits.
XTAL2
18
14
20
O
Crystal 2: Output from the inverting oscillator amplifier.
VDD
40
38
44
I
Power supply
VSS
20
16
22
I
Ground
Table 3:
P89LV51RB2/RC2/RD2 pin description…continued
Symbol
Pin
Type
Description
DIP40
TQFP44
PLCC44


Similar Part No. - P89LV51RD2BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RD2BA PHILIPS-P89LV51RD2BA Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results

Similar Description - P89LV51RD2BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com