Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LV51RD2FA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89LV51RD2FA
Description  8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LV51RD2FA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89LV51RD2FA Datasheet HTML 4Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 5Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 6Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 7Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 8Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 9Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 10Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 11Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
Philips Semiconductors
P89LV51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Product data
Rev. 04 — 02 December 2004
8 of 77
9397 750 14342
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P2.0 to
P2.7
21-28
18-25
24-31
I/O
with internal
pull-up
Port 2: Port 2 is an 8-bit bi-directional I/O port with
internal pull-ups. Port 2 pins are pulled HIGH by the
internal pull-ups when ‘1’s are written to them and can
be used as inputs in this state. As inputs, Port 2 pins that
are externally pulled LOW will source current (IIL)
because of the internal pull-ups. Port 2 sends the
high-order address byte during fetches from external
program memory and during accesses to external Data
Memory that use 16-bit address (MOVX@DPTR). In this
application, it uses strong internal pull-ups when
transitioning to ‘1’s. Port 2 also receives some control
signals and a partial of high-order address bits during
the external host mode programming and verification.
P3.0 to
P3.7
10-17
5, 7-13
11, 13-19
I/O
with internal
pull-up
Port 3: Port 3 is an 8-bit bidirectional I/O port with
internal pull-ups. Port 3 pins are pulled HIGH by the
internal pull-ups when ‘1’s are written to them and can
be used as inputs in this state. As inputs, Port 3 pins that
are externally pulled LOW will source current (IIL)
because of the internal pull-ups. Port 3 also receives
some control signals and a partial of high-order address
bits during the external host mode programming and
verification.
P3.0
10
5
11
I
RXD: serial input port
P3.1
11
7
13
O
TXD: serial output port
P3.2
12
8
14
I
INT0: external interrupt 0 input
P3.3
13
9
15
I
INT1: external interrupt 1 input
P3.4
14
10
16
I
T0: external count input to Timer/Counter 0
P3.5
15
11
17
I
T1: external count input to Timer/Counter 1
P3.6
16
12
18
O
WR: external data memory write strobe
P3.7
17
13
19
O
RD: external data memory read strobe
PSEN
29
26
32
I/O
Program Store Enable: PSEN is the read strobe for
external program memory. When the device is executing
from internal program memory, PSEN is inactive
(HIGH). When the device is executing code from
external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are
skipped during each access to external data memory. A
forced HIGH-to-LOW input transition on the PSEN pin
while the RST input is continually held HIGH for more
than 10 machine cycles will cause the device to enter
external host mode programming.
RST
9
4
10
I
Reset: While the oscillator is running, a HIGH logic state
on this pin for two machine cycles will reset the device. If
the PSEN pin is driven by a HIGH-to-LOW input
transition while the RST input pin is held HIGH, the
device will enter the external host mode, otherwise the
device will enter the normal operation mode.
Table 3:
P89LV51RB2/RC2/RD2 pin description…continued
Symbol
Pin
Type
Description
DIP40
TQFP44
PLCC44


Similar Part No. - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RD2FA PHILIPS-P89LV51RD2FA Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89LV51RD2FA NXP-P89LV51RD2FA Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
More results

Similar Description - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com