Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25E64EM1TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST25E64EM1TR
Description  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25E64EM1TR Datasheet(HTML) 3 Page - STMicroelectronics

  ST25E64EM1TR Datasheet HTML 1Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 2Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 3Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 4Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 5Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 6Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 7Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 8Page - STMicroelectronics ST25E64EM1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Mode
RW bit
Bytes
Initial Sequence
Current Address Read
’1’
1
START, Device Select, RW = ’1’
Random Address Read
’0’
1
START, Device Select, RW = ’0’, Address,
’1’
reSTART, Device Select, RW = ’1’
Sequential Read
’1’
1 to 8192
As CURRENT or RANDOM Mode
Byte Write
’0’
1
START, Device Select, RW = ’0’
Page Write
’0’
32
START, Device Select, RW = ’0’
Table 4. Operating Modes
Device Code
Chip Enable
RW
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Device Select
1
0
1
0
E2
E1
E0
RW
Note: The MSB b7 is sent first.
Table 3. Device Select Code
When writing data to the memory it responds to the
8 bits received by asserting an acknowledge bit
during the 9th bit time. When data is read by the
bus master, it acknowledges the receipt of the data
bytes in the same way.
Data transfers are terminated with a STOP condi-
tion. In this way, up to 8 ST24/25E64 may be
connected to the same I2C bus and selected indi-
vidually, allowing a total addressing field of 512
Kbit.
Power On Reset: VCC lock out write protect. In
order to prevent data corruption and inadvertent
write operations during power up, a Power On
Reset (POR) circuit is implemented. Untill the VCC
voltage has reached the POR threshold value, the
internal reset is active: all operations are disabled
and the device will not respond to any command.
In the same way, when VCC drops down from the
operating voltage to below the POR threshold
value, all operations are disabled and the device
will not respond to any command. A stable VCC
must be applied before applying any logic signal.
SIGNALS DESCRIPTION
Serial Clock (SCL). The SCL input pin is used to
synchronize all data in and out of the memory. A
resistor can be connected from the SCL line to VCC
to act as a pull up (see Figure 3)
Serial Data (SDA). The SDA pin is bi-directional
and is used to transfer data in or out of the memory.
It is an open drain output that may be wire-OR’ed
with other open drain or open collector signals on
the bus. Aresistor must be connectedfrom the SDA
bus line to VCC to act as pull up (see Figure 3).
Chip Enable (E0 - E2). These chip enable inputs
are used to set the 3 least significant bits of the 7
bit device select code. They may be driven dynami-
cally or tied to VCC or VSS to establish the device
select code. Note that the VIL and VIH levels for the
inputs are CMOS, not TTL compatible.
Write Control (WC). The Write Control feature
WC is useful to protect the contents of the memory
from any erroneous erase/write cycle. The Write
Control signal is used to enable (WC at VIH)or
disable (WC at VIL) the internal write protection.
When pin WC is unconnected, the WC input is
internally read as VIL (see Table 5).
When WC = ’1’, Device Select and Address bytes
are acknowledged; Data bytes are not acknow-
ledged.
Refer to the AN404 Application Note for more de-
tailed information about Write Control feature.
3/16
ST24E64, ST25E64


Similar Part No. - ST25E64EM1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25E16 STMICROELECTRONICS-ST25E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
ST25E32 STMICROELECTRONICS-ST25E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B1TR STMICROELECTRONICS-ST25E32B1TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B3TR STMICROELECTRONICS-ST25E32B3TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B6TR STMICROELECTRONICS-ST25E32B6TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

Similar Description - ST25E64EM1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com