Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-N106-A0000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HDSP-N106-A0000
Description  Low Current Seven Segment Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-N106-A0000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HDSP-N106-A0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDSP-N106-A0000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Internal Circuit Diagram (cont.)
Absolute Maximum Ratings
AlGaAs Red - HDSP-
HER
A10X/E10X/H10X
HDSP-751X/
Yellow
Green
K12X/N10X/N40X
335X/555X/
HDSP-A80X
HDSP-A90X
Description
F10X, G10X Series
K70X Series
Series
Series
Units
Average Power per Segment or DP
37
52
64
mW
Peak Forward Current per
45
mA
Segment or DP
DC Forward Current per
15[1]
15[2]
mA
Segment or DP
Operating Temperature Range
-20 to +100
-40 to +100
°C
Storage Temperature Range
-55 to +100
°C
Reverse Voltage per Segment
3.0
V
or DP
Wave Soldering Temperature for 3
Seconds (1.60 mm [0.063 in.] below
250
°C
seating body)
Notes:
1. Derate above 91
°C at 0.53 mA/°C.
2. Derate HER/Yellow above 80
°C at 0.38 mA/°C and Green above 71°C at 0.31 mA/°C.


Similar Part No. - HDSP-N106-A0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-N100 AVAGO-HDSP-N100 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays Low Power Consumption
HDSP-N101 AVAGO-HDSP-N101 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays Low Power Consumption
HDSP-N103 AVAGO-HDSP-N103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays Low Power Consumption
HDSP-N107 AVAGO-HDSP-N107 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays Low Power Consumption
HDSP-N108 AVAGO-HDSP-N108 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays Low Power Consumption
More results

Similar Description - HDSP-N106-A0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com