Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7585-X-XSJ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMC7585-X-XSJ
Description  5A LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7585-X-XSJ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC7585-X-XSJ Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7585-X-XSJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMC DOC. #: AMC7585_E (LF)
AMC7585
Feb
2005
5A LOW DROPOUT REGULATOR
Copyright
© 2002, ADD Microtech Corp.
5
www.addmtek.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = VOUT + 2V, IO = 10mA. These specifications apply operating ambient temperature
range, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used which maintains
junction and case temperatures equal to the ambient temperature.)
AMC7585
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
AMC7585-2.5
TA = 25
OC
2.475
2.500
2.525
AMC7585-3.3
TA = 25
OC
3.267
3.300
3.333
Output Voltage
AMC7585-5.0
VOUT
TA = 25
OC
4.950
5.000
5.050
V
AMC7585-2.5
2.460
2.500
2.540
AMC7585-3.3
3.247
3.300
3.353
Output Voltage
AMC7585-5.0
VOUT
IO = 10mA to 5A
4.920
5.000
5.080
V
(Note 1)
1.238
1.250
1.262
Reference
Voltage
AMC7585-ADJ
VREF
IO = 10mA to 5A, (Note 1)
1.230
1.250
1.270
V
Line Regulation (Note 2)
VOI
(1.5V + VOUT) ≤ VIN ≤ 7V
0.04
0.2
%
Load regulation (Note 2)
VOL
IO = 10mA to 5A
0.08
0.3
%
IO = 10mA
1.00
1.15
Dropout Voltage
V
(Note 3)
IO = 5A
1.15
1.30
V
Quiescent Current
( for AMC7585-X.X)
IQ
VIN ≤ 7V, IO = 10mA to 3A
8
13
mA
Adjust Pin Current
( for AMC7585-ADJ)
IADJ
50
120
µA
Current Limit
ICL
(VIN - VOUT)=2V
5.1
6.8
A
Minimum Load Current (Note 4)
Imin
5
10
mA
Ripple Rejection (Note 5)
RR
VRIPPLE = 1VPP, IO = 100mA,
fO=120Hz
60
80
dB
Note 1
Output voltage is set to be 2.5V.
Note 2: Line and load regulations are guaranteed up to maximum power dissipation determined by input/output
differential and the output current. However, the maximum power will not be available over the full
input/output voltage range.
Note 3: The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 4: The minimum load current is the minimum current required to maintain regulation. Normally the current in
the resistor divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 5: These parameters, although guaranteed, are not tested in production prior to shipment


Similar Part No. - AMC7585-X-XSJ

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7585-X.XSJ ADDTEK-AMC7585-X.XSJ Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XSJF ADDTEK-AMC7585-X.XSJF Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XST ADDTEK-AMC7585-X.XST Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XSTF ADDTEK-AMC7585-X.XSTF Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XT ADDTEK-AMC7585-X.XT Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
More results

Similar Description - AMC7585-X-XSJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC7585 ADDTEK-AMC7585 Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com