Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVC125PY Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74ALVC125PY
Description  3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC125PY Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74ALVC125PY Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC125PY Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC125PY Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC125PY Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC125PY Datasheet HTML 5Page - Integrated Device Technology IDT74ALVC125PY Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDT74ALVC125
3.3V CMOS QUADRUPLE BUS BUFFER GATE
Open
VLOAD
GN D
VCC
Pulse
Generator
D.U.T.
500
500
C L
RT
VIN
VOUT
(1, 2)
ALV C L ink
IN PU T
VIH
0V
VOH
VOL
tPLH1
tSK (x)
OU TPU T 1
OU TPU T 2
tPHL1
tSK (x)
tPLH2
tPHL2
VT
VT
VOH
VT
VOL
tSK(x) = tPLH2 - tPLH1 or tPH L2 - tPHL1
ALV C L ink
SAM E PHASE
IN PU T TR AN SITION
OPPOSITE PHASE
IN PU T TR AN SITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OU TPU T
VIH
VT
VT
VIH
VT
ALV C L ink
DATA
IN PU T
0V
0V
0V
0V
tREM
TIM ING
IN PU T
SYNCHRONOUS
CONTROL
tSU
tH
tSU
tH
VIH
VT
VIH
VT
VIH
VT
VIH
VT
ALV C L ink
ASYN CH RON OU S
CONTROL
LO W -H IGH -LOW
PULSE
H IGH -LOW -H IGH
PULSE
VT
tW
VT
ALV C Link
CONTROL
IN PU T
tPLZ
0V
OU TPU T
NORMALLY
LO W
tPZH
0V
SW ITCH
CLO SED
OU TPU T
NORMALLY
HIGH
ENABLE
D ISABLE
SW ITCH
OPEN
tPHZ
0V
VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VHZ
ALV C L ink
TEST CIRCUITS AND WAVEFORMS
TEST CONDITIONS
PROPAGATION DELAY
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
SET-UP, HOLD, AND RELEASE TIMES
SWITCH POSITION
OUTPUT SKEW - TSK (x)
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
PULSE WIDTH
Symbol
VCC(1)= 3.3V ± 0.3V
VCC(1) = 2.7V
VCC(2)= 2.5V ± 0.2V Unit
VLOAD
66
2 x Vcc
V
VIH
2.7
2.7
Vcc
V
VT
1.5
1.5
Vcc / 2
V
VLZ
300
300
150
mV
VHZ
300
300
150
mV
CL
50
50
30
pF
ALVC QUAD Link
Test
Switch
Open Drain
Disable Low
Enable Low
VLOAD
Disable High
Enable High
GND
All Other tests
Open
ALVC QUAD Link
NOTES:
1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs.
2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.


Similar Part No. - IDT74ALVC125PY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244 Datasheet
71Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162244 IDT-IDT74ALVC162244 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC162244 RENESAS-IDT74ALVC162244 Datasheet
263Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162244PA IDT-IDT74ALVC162244PA Datasheet
71Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162244PF IDT-IDT74ALVC162244PF Datasheet
71Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74ALVC125PY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com