Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512X Datasheet(PDF) 68 Page - Lattice Semiconductor

Part # LC4512X
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512X Datasheet(HTML) 68 Page - Lattice Semiconductor

Back Button LC4512X Datasheet HTML 64Page - Lattice Semiconductor LC4512X Datasheet HTML 65Page - Lattice Semiconductor LC4512X Datasheet HTML 66Page - Lattice Semiconductor LC4512X Datasheet HTML 67Page - Lattice Semiconductor LC4512X Datasheet HTML 68Page - Lattice Semiconductor LC4512X Datasheet HTML 69Page - Lattice Semiconductor LC4512X Datasheet HTML 70Page - Lattice Semiconductor LC4512X Datasheet HTML 71Page - Lattice Semiconductor LC4512X Datasheet HTML 72Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
68
R5
0
NC-NC-NC-
L4
L^1
T5
0
NC
-
NC
-
I2
I^1
L8
L^2
R6
0
NC
-
NC
-
I0
I^0
L12
L^3
T6
0
NC
-
H14
H^9
G12
G^6
M8
M^2
N7
0
NC
-
H12
H^8
G14
G^7
M12
M^3
P7
0
H14
H^7
H10
H^7
L14
L^7
P14
P^7
R7
0
H12
H^6
H9
H^6
L12
L^6
P12
P^6
L8
0
H10
H^5
H8
H^5
L10
L^5
P10
P^5
T7
0
H8
H^4
H6
H^4
L8
L^4
P8
P^4
M8
0
H6
H^3
H4
H^3
L6
L^3
P6
P^3
N8
0
H4
H^2
H2
H^2
L4
L^2
P4
P^2
R8
0
H2
H^1
H1
H^1
L2
L^1
P2
P^1
P8
0
H0
H^0
H0
H^0
L0
L^0
P0
P^0
--
GND
-
GND
-
GND
-
GND
-
T8
0
CLK1/I
-
CLK1/I
-
CLK1/I
-
CLK1/I
-
-
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
N9
1
CLK2/I
-
CLK2/I
-
CLK2/I
-
CLK2/I
-
--
VCC
-
VCC
-
VCC
-
VCC
-
P9
1
I0
I^0
I0
I^0
M0
M^0
AX0
AX^0
R9
1
I2
I^1
I1
I^1
M2
M^1
AX2
AX^1
T9
1
I4
I^2
I2
I^2
M4
M^2
AX4
AX^2
T10
1
I6
I^3
I4
I^3
M6
M^3
AX6
AX^3
R10
1
I8
I^4
I6
I^4
M8
M^4
AX8
AX^4
M9
1
I10
I^5
I8
I^5
M10
M^5
AX10
AX^5
P10
1
I12
I^6
I9
I^6
M12
M^6
AX12
AX^6
L9
1
I14
I^7
I10
I^7
M14
M^7
AX14
AX^7
N10
1
NC
-
I12
I^8
BX14
BX^7
DX0
DX^0
T11
1
NC
-
I14
I^9
BX12
BX^6
DX4
DX^1
R11
1
NC
-
NC
-
P0
P^0
EX0
EX^0
T12
1
NC
-
NC
-
P2
P^1
EX4
EX^1
N12
1
NC
-
NC
-
NC
-
EX8
EX^2
-
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
-
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
R12
1
NC
-
NC
-
NC
-
EX12
EX^3
T13
1
NC
-
J0
J^0
BX10
BX^5
DX8
DX^2
P12
1
NC
-
J1
J^1
BX8
BX^4
DX12
DX^3
M10
1
J0
J^0
J2
J^2
N0
N^0
BX0
BX^0
R13
1
J2
J^1
J4
J^3
N2
N^1
BX2
BX^1
L10
1
J4
J^2
J6
J^4
N4
N^2
BX4
BX^2
T14
1
J6
J^3
J8
J^5
N6
N^3
BX6
BX^3
M11
1
J8
J^4
J9
J^6
N8
N^4
BX8
BX^4
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball fpBGA (Cont.)
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512X

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512B-10F256I LATTICE-LC4512B-10F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512B-10F256I1 LATTICE-LC4512B-10F256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512B-10FN256I1 LATTICE-LC4512B-10FN256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512B-10FT256I LATTICE-LC4512B-10FT256I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512B-10FTN256I LATTICE-LC4512B-10FTN256I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512X

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com