Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384X Datasheet(PDF) 47 Page - Lattice Semiconductor

Part # LC4384X
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384X Datasheet(HTML) 47 Page - Lattice Semiconductor

Back Button LC4384X Datasheet HTML 43Page - Lattice Semiconductor LC4384X Datasheet HTML 44Page - Lattice Semiconductor LC4384X Datasheet HTML 45Page - Lattice Semiconductor LC4384X Datasheet HTML 46Page - Lattice Semiconductor LC4384X Datasheet HTML 47Page - Lattice Semiconductor LC4384X Datasheet HTML 48Page - Lattice Semiconductor LC4384X Datasheet HTML 49Page - Lattice Semiconductor LC4384X Datasheet HTML 50Page - Lattice Semiconductor LC4384X Datasheet HTML 51Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
47
33
1
B10
B^10
D4
D^2
D10
D^5
34
1
B11
B^11
D6
D^3
D8
D^4
35
-
TDO
-
TDO
-
TDO
-
36
-
VCC
-
VCC
-
VCC
-
37
-
GND
-
GND
-
GND
-
38
1
B12
B^12
D8
D^4
D6
D^3
39
1
B13
B^13
D10
D^5
D4
D^2
40
1
B14
B^14
D12
D^6
D2
D^1
41
1
B15/GOE1
B^15
D14/GOE1
D^7
D0/GOE1
D^0
42
1
CLK3/I
-
CLK3/I
-
CLK3/I
-
43
0
CLK0/I
-
CLK0/I
-
CLK0/I
-
44
0
A0/GOE0
A^0
A0/GOE0
A^0
A0/GOE0
A^0
45
0
A1
A^1
A2
A^1
A1
A^1
46
0
A2
A^2
A4
A^2
A2
A^2
47
0
A3
A^3
A6
A^3
A4
A^3
48
0
A4
A^4
A8
A^4
A6
A^4
ispMACH 4032Z and 4064Z Logic Signal Connections: 56-Ball csBGA
Ball Number
Bank Number
ispMACH 4032Z
ispMACH 4064Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
B1
-
TDI
-
TDI
-
C3
0
A5
A^5
A8
A^5
C1
0
A6
A^6
A10
A^6
D1
0
A7
A^7
A11
A^7
D3
0
GND (Bank 0)
-
GND (Bank 0)
-
E3
0
NC
-I-
E1
0
NC
-I-
F3
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
F1
0
A8
A^8
B15
B^7
G3
0
A9
A^9
B12
B^6
G1
0
A10
A^10
B10
B^5
H1
0
A11
A^11
B8
B^4
J1
0
NC
-I-
K1
-
TCK
-
TCK
-
K2
-
VCC
-
VCC
-
H3
-
GND
-
GND
-
K3
-
I
-
K4
0
A12
A^12
B6
B^3
H4
0
A13
A^13
B4
B^2
H5
0
A14
A^14
B2
B^1
ispMACH 4032V/B/C/Z and 4064V/B/C/Z Logic Signal Connections:
48-Pin TQFP (Cont.)
Pin
Number
Bank
Number
ispMACH 4032V/B/C
ispMACH 4064V/B/C
ispMACH 4064Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4384X

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384B-10F256I LATTICE-LC4384B-10F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4384B-10F256I1 LATTICE-LC4384B-10F256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4384B-10FN256I1 LATTICE-LC4384B-10FN256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4384B-10FT256I LATTICE-LC4384B-10FT256I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4384B-10FTN256I LATTICE-LC4384B-10FTN256I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384X

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com