Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9288 Datasheet(PDF) 68 Page - Maxim Integrated Products

Part # MAX9288
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9288 Datasheet(HTML) 68 Page - Maxim Integrated Products

Back Button MAX9288 Datasheet HTML 64Page - Maxim Integrated Products MAX9288 Datasheet HTML 65Page - Maxim Integrated Products MAX9288 Datasheet HTML 66Page - Maxim Integrated Products MAX9288 Datasheet HTML 67Page - Maxim Integrated Products MAX9288 Datasheet HTML 68Page - Maxim Integrated Products MAX9288 Datasheet HTML 69Page - Maxim Integrated Products MAX9288 Datasheet HTML 70Page - Maxim Integrated Products MAX9288 Datasheet HTML 71Page - Maxim Integrated Products MAX9288 Datasheet HTML 72Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 68
Coax Splitter Mode
In coax mode, OUT+ and OUT- of the serializer are active.
This enables the use as a 1:2 splitter (Figure 54). In coax
mode, connect OUT+ to IN+ of the deserializer. Connect
OUT- to IN- of the second deserializer. Control-channel
data is broadcast from the serializer to both deserializers
and their attached peripherals. Assign a unique address
to send control data to one deserializer. Leave all unused
IN_ pins unconnected, or connect them to ground through
50Ω and a capacitor for increased power-supply rejection.
If OUT- is not used, connect OUT- to AVDD through a 50Ω
resistor (Figure 55). When there are µCs at the serializer,
and at each deserializer, only one µC can communicate
at a time. Disable forward and reverse channel links
according to the communicating deserializer connection
to prevent contention in I2C-to-I2C mode. Use ENREVP
or ENREVN register bits to disable/enable the control
channel link. In UART mode, the serializer provides
arbitration of the control-channel link.
Figure 54. 2:1 Coax Splitter Connection Diagram
Figure 55. Coax Connection Diagram
OUT+
OUT-
OPTIONAL
COMPONENTS
FOR INCREASED
POWER-SUPPLY
REJECTION
IN+
IN-
IN+
IN-
MAX9288
MAX9290
MAX9288
MAX9290
GMSL
SERIALIZER
OUT+
OUT-
IN+
OPTIONAL COMPONENTS FOR
INCREASED POWER-SUPPLY
REJECTION
IN-
AVDD
50Ω
MAX9288
MAX9290
GMSL
SERIALIZER


Similar Part No. - MAX9288

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9288COAXEVKIT MAXIM-MAX9288COAXEVKIT Datasheet
5Mb / 29P
   Drives 4-Channel CSI-2 Output
2019
MAX9288EVKIT MAXIM-MAX9288EVKIT Datasheet
5Mb / 29P
   Drives 4-Channel CSI-2 Output
2019
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
More results

Similar Description - MAX9288

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9276 MAXIM-MAX9276_V01 Datasheet
2Mb / 70P
   3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2015
MAX9278A MAXIM-MAX9278A Datasheet
1Mb / 75P
   3.12Gbps GMSL Deserializers for Coax or STP Input and LVDS Output
Rev 0; 1/16
MAX9276A MAXIM-MAX9276A Datasheet
2Mb / 71P
   3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2018
MAX9291 MAXIM-MAX9291 Datasheet
1Mb / 86P
   3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
Rev 3; 2/18
MAX9275 MAXIM-MAX9275 Datasheet
2Mb / 69P
   3.12Gbps GMSL Serializers for Coax or STP Output Drive and Parallel Input
Rev 3; 12/17
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
MAX9272 MAXIM-MAX9272 Datasheet
2Mb / 47P
   28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 6/12
MAX96706 MAXIM-MAX96706 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
Rev 0; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com