Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9288GTMVY+ Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # MAX9288GTMVY+
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9288GTMVY+ Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button MAX9288GTMVY+ Datasheet HTML 56Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 57Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 58Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 59Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 60Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 61Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 62Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 63Page - Maxim Integrated Products MAX9288GTMVY+ Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 60
Figure 41 shows the UART protocol for writing and reading
in base mode between the µC and the serializer/deserializer.
Figure 42 shows the UART data format. Even parity is
used. Figure 43 and Figure 44 detail the formats of the
SYNC byte (0x79) and the ACK byte (0xC3). The µC and
the connected slave chip generate the SYNC byte and
ACK byte, respectively. Events such as device wake-up
and GPI generate transitions on the control channel that
can be ignored by the µC. Data written to the deserial-
izer registers do not take effect until after the ACK byte
is sent. This allows the µC to verify that write commands
are received without error, even if the result of the write
command directly affects the serial link. The slave uses the
SYNC byte to synchronize with the host UART’s data rate.
If the GPI or MS inputs of the deserializer toggle while there
is control-channel communication, or if a line fault occurs,
the control-channel communication is corrupted. In the
event of a missed or delayed acknowledge (~1ms due to
control channel timeout), the µC should assume there was
an error in the packet transmission or response. In base
mode, the µC must keep the UART Tx/Rx lines high no
more than four bit times between bytes in a packet. Keep
the UART Tx/Rx lines high for at least 16 bit times before
starting to send a new packet.
Figure 41. GMSL UART Protocol for Base Mode
Figure 42. GMSL UART Data Format for Base Mode
Figure 43. SYNC Byte (0x79)
Figure 44. ACK Byte (0xC3)
WRITE DATA FORMAT
SYNC
DEV ADDR + R/W REG ADDR NUMBER OF BYTES
SYNC
DEV ADDR + R/W REG ADDR
NUMBER OF BYTES
BYTE 1
BYTE N
ACK
BYTE N
BYTE 1
ACK
MASTER READS FROM SLAVE
READ DATA FORMAT
MASTER WRITES TO SLAVE
MASTER WRITES TO SLAVE
MASTER READS FROM SLAVE
START
D0
D1
D2
D3
D4
D5
D6
D7
PARITY
STOP
1 UART FRAME
FRAME 1
FRAME 2
FRAME 3
STOP
START
STOP
START
START
D0
1
0
0
1
1
1
1
0
D1
D2
D3
D4
D5
D6
D7
PARITYSTOP
START
D0
1
1
0
0
0
0
1
1
D1
D2
D3
D4
D5
D6
D7
PARITY STOP


Similar Part No. - MAX9288GTMVY+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9288COAXEVKIT MAXIM-MAX9288COAXEVKIT Datasheet
5Mb / 29P
   Drives 4-Channel CSI-2 Output
2019
MAX9288EVKIT MAXIM-MAX9288EVKIT Datasheet
5Mb / 29P
   Drives 4-Channel CSI-2 Output
2019
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
More results

Similar Description - MAX9288GTMVY+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9276 MAXIM-MAX9276_V01 Datasheet
2Mb / 70P
   3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2015
MAX9278A MAXIM-MAX9278A Datasheet
1Mb / 75P
   3.12Gbps GMSL Deserializers for Coax or STP Input and LVDS Output
Rev 0; 1/16
MAX9276A MAXIM-MAX9276A Datasheet
2Mb / 71P
   3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2018
MAX9291 MAXIM-MAX9291 Datasheet
1Mb / 86P
   3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
Rev 3; 2/18
MAX9275 MAXIM-MAX9275 Datasheet
2Mb / 69P
   3.12Gbps GMSL Serializers for Coax or STP Output Drive and Parallel Input
Rev 3; 12/17
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
MAX9272 MAXIM-MAX9272 Datasheet
2Mb / 47P
   28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 6/12
MAX96706 MAXIM-MAX96706 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
Rev 0; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com