Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2147IDGQ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2147IDGQ
Description  3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2147IDGQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2147IDGQ Datasheet HTML 7Page - Texas Instruments TPS2147IDGQ Datasheet HTML 8Page - Texas Instruments TPS2147IDGQ Datasheet HTML 9Page - Texas Instruments TPS2147IDGQ Datasheet HTML 10Page - Texas Instruments TPS2147IDGQ Datasheet HTML 11Page - Texas Instruments TPS2147IDGQ Datasheet HTML 12Page - Texas Instruments TPS2147IDGQ Datasheet HTML 13Page - Texas Instruments TPS2147IDGQ Datasheet HTML 14Page - Texas Instruments TPS2147IDGQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TPS2148
TPS2158
SLVS373 – AUGUST 2001
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 10
0
20
40
60
80
100
120
140
–40
–20
0
20
40
60
80
100
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
TJ – Temperature – °C
Figure 11
0
20
40
60
80
100
120
140
2.5
3
3.5
4
4.5
5
5.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
Figure 12
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
–40
–20
0
20406080
100
SW1
SW2
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
Figure 13
0.3
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
2.5
3
3.5
4
4.5
5
5.5
SW1
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
SUPPLY VOLTAGE
VCC – Supply Voltage
SW2


Similar Part No. - TPS2147IDGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2147IDGQ TI-TPS2147IDGQ Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2147IDGQ TI-TPS2147IDGQ Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2147IDGQ TI-TPS2147IDGQ Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2147IDGQG4 TI-TPS2147IDGQG4 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2147IDGQR TI-TPS2147IDGQR Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Similar Description - TPS2147IDGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com