Electronic Components Datasheet Search |
|
HCPL-5120-100 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HCPL-5120-100 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 16 page 5 Electrical Specifications (DC) Over recommended operating conditions (TA = -55 to +125°C, IF(ON) = 10 to 18 mA, VF(OFF) = -3.0 to 0.8V, VCC = 15 to 30 V, VEE = Ground), unless otherwise specified. *All typical values at TA = 25°C and VCC − VEE = 30 V, unless otherwise noted. Parameter Symbol Test Conditions Group A Subgroups (13) Limits Units Fig Note Min. Typ.* Max. High Level Output Current IOH VO = (VCC − 4 V) 1, 2, 3 0.5 1.5 A 2, 3, 17 2 VO = (VCC − 15 V) 2.0 A 1 Low Level Output Current IOL VO = (VEE + 2.5 V) 1, 2, 3 0.5 2.0 A 5, 6, 18 2 VO = (VEE + 15 V) 2.0 A 1 High Level Output Voltage VOH IO = -100 mA 1, 2, 3 (VCC - 4) (VCC − 3) V 1, 3, 19 3, 4 Low Level Output Voltage VOL IO = 100 mA 1, 2, 3 0.1 0.5 V 4, 6, 20 High Level Supply Current ICCH Output Open, IF = 10 to 18 mA 1, 2, 3 2.5 5.0 mA 7, 8 Low Level Supply Current ICCL Output Open, VF = -3.0 to +0.8V 1, 2, 3 2.5 5.0 mA Threshold Input Cur- rent Low to High IFLH IO = 0 mA, VO > 5 V 1, 2, 3 3.5 9.0 mA 9, 15, 21 Threshold Input Voltage High to Low VFHL 1, 2, 3 0.8 V Input Forward Voltage VF IF = 10 mA 1, 2, 3 1.2 1.5 1.8 V 16 Temperature Coefficient of Forward Voltage ∆VF/∆TA IF = 10 mA -1.6 mV/ °C Input Reverse Breakdown Voltage BVR IR = 10 µA 1, 2, 3 5V Input Capacitance CIN f = 1 MHz, VF = 0 V 80 pF UVLO Threshold VUVLO+ VO > 5 V, IF = 10 mA 1, 2, 3 11.0 12.3 13.5 V 22, 37 VUVLO- 1, 2, 3 9.5 10.7 12.0 UVLO Hysteresis UVLOHYS 1.6 |
Similar Part No. - HCPL-5120-100 |
|
Similar Description - HCPL-5120-100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |