Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP10W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GP10W
Description  Glass Passivated Junction Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GP10W Datasheet(HTML) 1 Page - Vishay Siliconix

  GP10W Datasheet HTML 1Page - Vishay Siliconix GP10W Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP10A thru GP10Y
Vishay Semiconductors
formerly General Semiconductor
Document Number 88637
www.vishay.com
5-Mar-02
1
Glass Passivated Junction Rectifiers
Reverse Voltage
50 to 1600V
Forward Current 1.0A
Patented*
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
A
B
D G
J
K M N Q
T
V W Y
Unit
Maximum repetitive peak reverse voltage
VRRM
50 to 1600V (See Fig. 5)
V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF(AV)
1.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
30
25
A
superimposed on rated load (JEDEC Method)
Maximum full load reverse current, full cycle
average, 0.375" (9.5mm) lead lengths at TA = 75°C
IR(AV)
30
µA
Typical thermal resistance (Note 1)
R
θJA
55
°C/W
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
–65 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
A
B
D G
J
K M N Q
T
V W Y
Unit
Maximum instantaneous forward voltage at 1.0A
VF
1.1
1.2
1.3
V
Maximum DC reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 125°C
IR
50
µA
Typical reverse recovery time at
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
3.0
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
8.0
7.0
5.0
pF
Note: (1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• 1.0 Ampere operation at TA = 75°C and 55°C with no
thermal runaway
• Typical IR less than 0.1
µA
• High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AL, molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 oz., 0.3 g
®
DO-204AL (DO-41)
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
NOTE:
Lead diameter is
for suffix "E" part numbers
0.026 (0.66)
0.023 (0.58)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602, and brazed-lead assembly by Patent No. 3,930,306
Dimensions in
inches and
(millimeters)


Similar Part No. - GP10W

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10W ZOWIE-GP10W Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10W GE-GP10W Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP10W VISHAY-GP10W Datasheet
77Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Baumer IVO GmbH & Co. K...
GP10W0101215 IVO-GP10W0101215 Datasheet
406Kb / 2P
   Incremental encoders
GP10W0101239 IVO-GP10W0101239 Datasheet
406Kb / 2P
   Incremental encoders
More results

Similar Description - GP10W

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5391G-1N5399G SURGE-1N5391G-1N5399G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1_15 Datasheet
116Kb / 2P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
15-Mar-02
logo
Compact Technology Corp...
1N4001G CTC-1N4001G_15 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
1N4001G CTC-1N4001G Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Cystech Electonics Corp...
RL207G CYSTEKEC-RL207G Datasheet
161Kb / 3P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP10A VISHAY-GPP10A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
18-Mar-02
logo
Compact Technology Corp...
CT2A01G CTC-CT2A01G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Surge Components
1N4001G-1N4007G SURGE-1N4001G-1N4007G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com