Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26120 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU26120
Description  NJU26100 Series Hardware Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26120 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU26120 Datasheet HTML 2Page - New Japan Radio NJU26120 Datasheet HTML 3Page - New Japan Radio NJU26120 Datasheet HTML 4Page - New Japan Radio NJU26120 Datasheet HTML 5Page - New Japan Radio NJU26120 Datasheet HTML 6Page - New Japan Radio NJU26120 Datasheet HTML 7Page - New Japan Radio NJU26120 Datasheet HTML 8Page - New Japan Radio NJU26120 Datasheet HTML 9Page - New Japan Radio NJU26120 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NJU26100 Series
- 6 -
Ver.2005-02-24
3. Audio Clock
Audio data samples must be transferred in synchronism between all components of the digital audio system.
That is, for each audio sample originated by an audio source there must be one and only one audio sample
processed by the NJU26100 Series and delivered to the D/A converters. To accomplish this, one device in the
system is selected to generate the audio sample rate; the remaining devices are designated to follow this sample
rate. The device that generates the audio sample rate is called the MASTER device; all devices following this
sample rate are called SLAVE(s).
LR, BCK and MCK should be synchronized. This is described in next section. When the NJU26100 Series is in
MASTER mode, the NJU26100 Series system clock should be 768 multiples of the sampling frequency (Table3-1).
When the NJU26100 Series is in SLAVE mode, NJU26100 Series system clock should be from 768 multiples of
the sampling frequency up to the maximum operating frequency.
3.1 System Clock
Three types of clock signals are included in the serial audio interface. Two of the clock signals LR (LRI and LRO)
and BCK (BCKI and BCKO) establish data transfer on the serial data lines. The third clock, MCK, is not associated
with serial data transfer but is required by delta-sigma A/D and D/A converters.
The frequency of the LR clock is, by definition, equal to the digital audio sample rate, Fs. BCK and MCK operate
at multiples of the LR clock rate. Therefore the signals LR, BCK and MCK must be locked, that is, they must be
generated or derived from a single frequency reference. In SLAVE mode, the NJU26100 Series dose not generate
MCK clock.
Table 3-1 Sampling Frequency and BCK, MCK, XI
Clock Signal
Multiple Frequency
32kHz
44.1kHz
48kHz
LR
1Fs
32kHz
44.1kHz
48kHz
BCK(32Fs)
32Fs
1.024MHz
1.4112MHz
1.536MHz
BCK(64Fs)
64Fs
2.048MHz
2.822MHz
3.072MHz
MCK(256Fs)
256Fs
8.192MHz
11.289MHz
12.288MHz
MCK(384Fs)
384Fs
12.288MHz
16.934MHz
18.432MHz
XI
768Fs
24.576MHz
33.8688MHz
36.864MHz
Fig. 3-1 MASTER / SLAVE Mode
SDIx
BCKO
LRO
MCK
BCKI
LRI
SDOx
CLOCK
DIVIDER
Oscillator
MAS TER
SLAVE
XI
XO


Similar Part No. - NJU26120

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
More results

Similar Description - NJU26120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
NXP Semiconductors
MPC853TEC NXP-MPC853TEC Datasheet
1Mb / 88P
   MPC853T Hardware Specification
Rev. 1, 12/2004
logo
Rohm
BP35C2 ROHM-BP35C2 Datasheet
547Kb / 19P
   BP35C2 Hardware Specification
2018-10-29 Revision 1.0.0
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com