Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6007CPWP Datasheet(PDF) 11 Page - Texas Instruments

Part # THS6007CPWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007CPWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS6007CPWP Datasheet HTML 7Page - Texas Instruments THS6007CPWP Datasheet HTML 8Page - Texas Instruments THS6007CPWP Datasheet HTML 9Page - Texas Instruments THS6007CPWP Datasheet HTML 10Page - Texas Instruments THS6007CPWP Datasheet HTML 11Page - Texas Instruments THS6007CPWP Datasheet HTML 12Page - Texas Instruments THS6007CPWP Datasheet HTML 13Page - Texas Instruments THS6007CPWP Datasheet HTML 14Page - Texas Instruments THS6007CPWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (DRIVER)
Figure 5
VCC – Supply Voltage – V
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
56
78
11
12
10
9
0
–5
–10
–15
10
5
TA = 25°C
RF = 1 kΩ
RL = 25 Ω
Gain = 1
14 15
13
15
Figure 6
10
100
1000
RL – Load Resistance – Ω
15
5
–5
–15
10
0
–10
VCC = ±15 V
VCC = ±5 V
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
TA = 25°C
RF = 1 kΩ
Gain = 1
VCC = ±5 V
VCC = ±15 V
Figure 7
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
VCC = ±5 V
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC = ±15 V
1
–1
–3
–5
0
–2
–4
2
G = 1
RF = 1 kΩ
Figure 8
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
5
3
1
0
4
2
VCC = ±15 V
IIB+
VCC = ±5 V
IIB+
VCC = ±15 V
IIB–
VCC = ±5 V
IIB–
G = 1
RF = 1 kΩ
See Figure 2
Figure 9
TA – Free-Air Temperature – °C
–40
–20
0
20
80
60
40
75
65
60
80
70
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
VCC = ±15 V
1 k
1 k
VI
+
VO
1 k
1 k
VCC = ±5 V
Figure 10
–90
–80
–70
–60
–50
–40
–30
–20
100k
1M
10M
DRIVER-TO-DRIVER CROSSTALK
vs
FREQUENCY
100M
VCC = ± 15 V
VI = 200 mV
Input = Driver 1
Output = Driver 2
Input = Driver 2
Output = Driver 1
f – Frequency – Hz
Figure 11
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
POWER SUPPLY REJECTION RATIO
vs
FREE-AIR TEMPERATURE
90
80
70
65
85
75
95
VCC = 15 V
VCC = 5 V
VCC =–5 V
VCC = –15 V
G = 1
RF = 1 kΩ
Figure 12
1
0.1
0.01
0.001
1M
f – Frequency – Hz
100k
10M
100M
10
100
VCC = ±15 V
RF = 1 kΩ
Gain = 2
TA = 25°C
VI(PP) = 1 V
500M
VO
+
50
1 k
1 k
VI
1 k
(
VI
VO
=
1000
Zo
)
– 1
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 13
± VCC – Supply Voltage – V
56
7
8
11 12
10
9
6
5
10
8
9
7
TA = 25°C
RF = 1 kΩ
Gain = +1
14 15
13
12
11
SUPPLY CURRENT
vs
SUPPLY VOLTAGE


Similar Part No. - THS6007CPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS6007CPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com