Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASG402 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASG402
Description  DC-3000 MHz SiGe HBT Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ASG402 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASG402 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASG402 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASG402 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASG402 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASG402 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASG402 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASG402 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
www.ASB.co.kr Mar.. 2004
a
Function
Pin No.
Input
1
Ground
2
Output
3
(Unit: mm)
ASG402
Outline Drawing
Pin Description
(Unit: mm)
1
2
3
2
Mounting Configuration
Note: 1. The number and size of ground via holes in a circuit board is critical for thermal
and RF grounding considerations.
2. We recommend that the ground via holes be placed on the bottom of lead pin 2
for better RF and thermal performance, as shown in the drawing at the left side.
Land Pattern


Similar Part No. - ASG402

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASG ABRACON-ASG Datasheet
547Kb / 1P
   HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
logo
List of Unclassifed Man...
ASG-101 ETC-ASG-101 Datasheet
188Kb / 6P
   DC-3000 MHz SiGe HBT Amplifier
logo
Abracon Corporation
ASG-D ABRACON-ASG-D Datasheet
2Mb / 5P
   Frequency range from 10MHz to 250MHz with LVCMOS output
04.17.12
ASG-P ABRACON-ASG-P Datasheet
2Mb / 5P
   Phase Locked Loops
04.27.12
ASG-ULJ ABRACON-ASG-ULJ Datasheet
3Mb / 5P
   Backplane reference clock
07.26.2016
More results

Similar Description - ASG402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG101 ETC-ASG101 Datasheet
188Kb / 6P
   DC-3000 MHz SiGe HBT Amplifier
logo
Stanford Microdevices
SGA-6386 STANFORD-SGA-6386 Datasheet
262Kb / 4P
   DC-3000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
logo
Advanced Semiconductor ...
ASG330 ASB-ASG330 Datasheet
389Kb / 9P
   DC-2500 MHz SiGe HBT Amplifier
November 2007
logo
List of Unclassifed Man...
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
   DC-2500 MHz SiGe HBT Amplifier
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
   DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
   DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
   DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA7489A QORVO-QPA7489A Datasheet
646Kb / 7P
   DC – 3500 MHz Cascadable SiGe HBT Amplifier
May 14, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com