Electronic Components Datasheet Search |
|
ST72311J2B6 Datasheet(PDF) 6 Page - STMicroelectronics |
|
ST72311J2B6 Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 94 page 6/94 ST72311 Table 1. ST72311Nx Pin Description Pin n° QFP64 Pin n° SDIP56 Pin Name Type Description Remarks 1 49 PE4 I/O Port E4 High Sink 2 50 PE5 I/O Port E5 High Sink 3 51 PE6 I/O Port E6 High Sink 4 52 PE7 I/O Port E7 High Sink 5 53 PB0 I/O Port B0 External Interrupt: EI2 6 54 PB1 I/O Port B1 External Interrupt: EI2 7 55 PB2 I/O Port B2 External Interrupt: EI2 8 56 PB3 I/O Port B3 External Interrupt: EI2 9 1 PB4 I/O Port B4 External Interrupt: EI3 10 2 PB5 I/O Port B5 External Interrupt: EI3 11 3 PB6 I/O Port B6 External Interrupt: EI3 12 4 PB7 I/O Port B7 External Interrupt: EI3 13 5 PD0/AIN0 I/O Port D0 or ADC Analog Input 0 14 6 PD1/AIN1 I/O Port D1 or ADC Analog Input 1 15 7 PD2/AIN2 I/O Port D2 or ADC Analog Input 2 16 8 PD3/AIN3 I/O Port D3 or ADC Analog Input 3 17 9 PD4/AIN4 I/O Port D4 or ADC Analog Input 4 18 10 PD5/AIN5 I/O Port D5 or ADC Analog Input 5 19 11 PD6/AIN6 I/O Port D6 or ADC Analog Input 6 20 12 PD7/AIN7 I/O Port D7 or ADC Analog Input 7 21 13 VDDA S Power Supply for analog peripheral (ADC) 22 14 VSSA S Ground for analog peripheral (ADC) 23 VDD_3 S Main power supply 24 VSS_3 S Ground 25 15 PF0/CLKOUT I/O Port F0 or CPU Clock Output External Interrupt: EI1 26 16 PF1 I/O Port F1 External Interrupt: EI1 27 17 PF2 I/O Port F2 External Interrupt: EI1 28 NC Not Connected 29 18 PF4/OCMP1_A I/O Port F4 or Timer A Output Compare 1 30 NC Not Connected 31 19 PF6/ICAP1_A I/O Port F6 or Timer A Input Capture 1 32 20 PF7/EXTCLK_A I/O Port F7 or External Clock on Timer A 33 21 VDD_0 S Main power supply 34 22 VSS_0 S Ground 35 23 PC0/OCMP2_B I/O Port C0 or Timer B Output Compare 2 36 24 PC1/OCMP1_B I/O Port C1 or Timer B Output Compare 1 37 25 PC2/ICAP2_B I/O Port C2 or Timer B Input Capture 2 38 26 PC3/ICAP1_B I/O Port C3 or Timer B Input Capture 1 39 27 PC4/MISO I/O Port C4 or SPI Master In / Slave Out Data 40 28 PC5/MOSI I/O Port C5 or SPI Master Out / Slave In Data 41 29 PC6/SCK I/O Port C6 or SPI Serial Clock 42 30 PC7/SS I/O Port C7 or SPI Slave Select 43 31 PA0 I/O Port A0 External Interrupt: EI0 44 32 PA1 I/O Port A1 External Interrupt: EI0 6 |
Similar Part No. - ST72311J2B6 |
|
Similar Description - ST72311J2B6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |