Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPT1053A Datasheet(PDF) 4 Page - International Rectifier

Part # IRPT1053A
Description  Power Module for 1 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1053A Datasheet(HTML) 4 Page - International Rectifier

  IRPT1053A Datasheet HTML 1Page - International Rectifier IRPT1053A Datasheet HTML 2Page - International Rectifier IRPT1053A Datasheet HTML 3Page - International Rectifier IRPT1053A Datasheet HTML 4Page - International Rectifier IRPT1053A Datasheet HTML 5Page - International Rectifier IRPT1053A Datasheet HTML 6Page - International Rectifier IRPT1053A Datasheet HTML 7Page - International Rectifier IRPT1053A Datasheet HTML 8Page - International Rectifier IRPT1053A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRPT1053A
page 4
www.irf.com
0.6
0.8
1
1.2
1.4
1.6
1.8
14
8
12
16
20
24
0
10
20
30
40
50
60
70
80
0.75hp
(0.55kW)
Power
150%
Power
100%
RthSA 150% load (1 min)
down to 3 Hz
RthSA 150% load (1 min)
10-60 Hz
RthSA100% load continuous
10-60 Hz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
14
8
12
16
20
24
0
10
20
30
40
50
60
70
80
90
100
1.0hp
(0.75kW)
RthSA100% load continuous
10-60 Hz
RthSA 150% load (1 min)
10-60 Hz
RthSA 150% load (1 min)
down to 3 Hz
Power
100%
Power
150%
PWM Frequency (kHz) - (Induction Motor Load)
NOTE: For figures 4a and 4b – Operating Conditions: Vin = 230 Vrms, MI = 1.15, P.F. = 0.8, TA = 40°C. ZthSA limits
∆T
c rise during 1 minute overload to 10°C.
Figure 4a. 1hp/4.4A output Heat sink Thermal Resistance and Power Dissipation vs. PWM Frequency
Figure 4b. 0.75hp/3.5A output Heat sink Thermal Resistance and Power Dissipation vs. PWM Frequency
PWM Frequency (kHz) - (Induction Motor Load)
Untitled-1
10/17/97, 2:34 PM
4


Similar Part No. - IRPT1053A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT1058A IRF-IRPT1058A Datasheet
213Kb / 12P
   Power Module for 0.75 hp Motor Drives
IRPT1058A IRF-IRPT1058A Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT1058C IRF-IRPT1058C Datasheet
213Kb / 12P
   Power Module for 0.75 hp Motor Drives
More results

Similar Description - IRPT1053A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1061A IRF-IRPT1061A Datasheet
256Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1065A IRF-IRPT1065A Datasheet
206Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
   Power Module for 3 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com