Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-301Y-0I000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 5082-301Y-0I000
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-301Y-0I000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  5082-301Y-0I000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
HDSP-561x/563x Series
Pin
Function
1E
2D
3
Common A/C
4C
5DP
6B
7A
8
Common A/C
9F
10
G
12.25 ± 0.25
(0.482)
1.25
(0.049)
Ø
7.40
(0.292)
1.25
(0.049)
10°
13.00
(0.512)
17.50 ± 0.3/–0.25
(0.689)
6.40 ± 0.25
(0.252)
7.00 ± 0.25
(0.276)
3.60 ± 0.3
(0.142)
15.24 ± 0.3
(0.600)
0.29 ± 0.08 TYP.
(0.011)
45°
a
DP
b
c
f
e
g
d
10
9
8
7
6
12
3
4
5
0.58 ± 0.08
(0.023)
3.59 ± 0.3 TYP.
(0.141)
2.54 ± 0.3 TYP.
(0.100)
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. UNLESS OTHERWISE STATED, TOLERANCES ARE ±0.25 mm.


Similar Part No. - 5082-301Y-0I000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-3001 HP-5082-3001 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3001 ASI-5082-3001 Datasheet
16Kb / 1P
   SILICON PIN DIODE
logo
AVAGO TECHNOLOGIES LIMI...
5082-3001 AVAGO-5082-3001 Datasheet
161Kb / 4P
   Large Dynamic Range
logo
Agilent(Hewlett-Packard...
5082-3039 HP-5082-3039 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3039 ASI-5082-3039 Datasheet
28Kb / 1P
   SILICON PIN DIODE
More results

Similar Description - 5082-301Y-0I000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com