Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3004-25SF Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM3004-25SF
Description  1.0 Amp Dual Mode Low-Dropout CMOS Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3004-25SF Datasheet(HTML) 7 Page - California Micro Devices Corp

  CM3004-25SF Datasheet HTML 1Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 2Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 3Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 4Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 5Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 6Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 7Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 8Page - California Micro Devices Corp CM3004-25SF Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
01/10/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
7
CM3004
PRELIMINARY
Performance Information (cont’d)
CM3004 Typical Thermal Characteristics
The overall junction to ambient thermal resistance
(
θJA) for device power dissipation (PD) consists prima-
rily of two paths in series. The first path is the junction
to the case (
θJC) which is defined by the package
style, and the second path is case to ambient (
θCA)
thermal resistance which is dependent on board lay-
out. The final operating junction temperature for any
set of conditions can be estimated by the following
thermal equation:
TJUNC = TAMB + PD (θJC) + PD (θCA)
= TAMB + PD (
θJA)
The CM3004 uses a thermally enhanced package
where all the GND pins (5 through 8) are integral to the
leadframe. When this package is mounted on a double
sided printed circuit board with two square inches of
copper allocated for "heat spreading", the resulting
θJA
is about 50°C/W.
Based on a typical operating power dissipation of 1.0W
with an ambient of 85°C, the resulting junction temper-
ature will be:
TJUNC = TAMB + PD (θJA)
= 85°C + 1.0W (50°C/W)
= 85°C + 50°C = 135°C
Thermal characteristics were measured using a double
sided board with two square inches of copper area
connected to the GND pins for "heat spreading". Mea-
surement was performed under light load conditions
(5mA).
Temperature vs. Output Voltage (1.2V)
1.15
1.17
1.19
1.21
1.23
1.25
-40
25
85
Temperature ('C)
Temperature vs. Output Voltage ( 2.5V )
2.40
2.45
2.50
2.55
2.60
-40
-25
0
25
50
75
85
100 125 150
Temperature ('C)


Similar Part No. - CM3004-25SF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3001 CALMIRCO-CM3001 Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3001-13MA CALMIRCO-CM3001-13MA Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
CM3002-15 CALMIRCO-CM3002-15 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
CM3002-15SA CALMIRCO-CM3002-15SA Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
More results

Similar Description - CM3004-25SF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3003-18 CALMIRCO-CM3003-18 Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
CM3065 CALMIRCO-CM3065 Datasheet
114Kb / 6P
   2.0 Amp Tri-Mode Low Dropout CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
Sipex Corporation
SP6265 SIPEX-SP6265 Datasheet
473Kb / 13P
   Dual Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
Aeroflex Circuit Techno...
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
   Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
   Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com