Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-301Y-II300 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 5082-301Y-II300
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-301Y-II300 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 5082-301Y-II300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-301Y-II300 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 1. Maximum allowable DC current vs.
ambient temperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. DC
forward current.
HDSP-301x/303x Series
Contrast Enhancement
For information on contrast
enhancement, please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride,
Figure 4. Maximum allowable DC current vs.
ambient temperature.
Figure 5. Forward current vs. forward voltage.
Figure 6. Relative luminous intensity vs. DC
forward current.
HDSP-561x/563x Series
10
0
TA – AMBIENT TEMPERATURE – °C
20
80
100
30
60
40
10
20
5
15
25
45
30
50
70
90
J = 770°C/W
110120
0
35
40
YELLOW
GREEN
HER
AlGaAs
0.0
0
VF – FORWARD VOLTAGE – V
120
60
3.0
5.0
80
20
1.0
4.0
40
GREEN
HER
2.0
100
YELLOW
AlGaAs
10
0
TA – AMBIENT TEMPERATURE – °C
20
80
100
30
60
40
10
20
5
15
25
45
30
50
70
90
J = 770°C/W
110120
0
35
40
YELLOW
GREEN
HER
AlGaAs
0.0
0
VF – FORWARD VOLTAGE – V
120
60
3.0
5.0
80
20
1.0
4.0
40
GREEN
HER
2.0
100
YELLOW
AlGaAs
trichloroethylene, carbon
tetrachloride, etc.) are not
recommended for cleaning LED
parts. All of these various
solvents attack or dissolve the
encapsulating epoxies used to
form the package of plastic LED
parts.
For information on soldering
LEDs, please refer to Application
Note 1027.
GREEN
0
0
IF – DC FORWARD CURRENT – mA
20
40
10
30
515
25
35
YELLOW
12
6
8
2
4
10
HER
AlGaAs
GREEN
0
0
IF – DC FORWARD CURRENT – mA
20
40
10
30
515
25
35
YELLOW
12
6
8
2
4
10
HER
AlGaAs


Similar Part No. - 5082-301Y-II300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-3001 HP-5082-3001 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3001 ASI-5082-3001 Datasheet
16Kb / 1P
   SILICON PIN DIODE
logo
AVAGO TECHNOLOGIES LIMI...
5082-3001 AVAGO-5082-3001 Datasheet
161Kb / 4P
   Large Dynamic Range
logo
Agilent(Hewlett-Packard...
5082-3039 HP-5082-3039 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3039 ASI-5082-3039 Datasheet
28Kb / 1P
   SILICON PIN DIODE
More results

Similar Description - 5082-301Y-II300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com