Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7610LQFP Datasheet(PDF) 8 Page - Texas Instruments

Part # PCI7610LQFP
Description  PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7610LQFP Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCI7610LQFP Datasheet HTML 4Page - Texas Instruments PCI7610LQFP Datasheet HTML 5Page - Texas Instruments PCI7610LQFP Datasheet HTML 6Page - Texas Instruments PCI7610LQFP Datasheet HTML 7Page - Texas Instruments PCI7610LQFP Datasheet HTML 8Page - Texas Instruments PCI7610LQFP Datasheet HTML 9Page - Texas Instruments PCI7610LQFP Datasheet HTML 10Page - Texas Instruments PCI7610LQFP Datasheet HTML 11Page - Texas Instruments PCI7610LQFP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 240 page
background image
viii
8.31
Link Control Register
8−28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.32
Node Identification Register
8−29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.33
PHY Layer Control Register
8−30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.34
Isochronous Cycle Timer Register
8−31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.35
Asynchronous Request Filter High Register
8−32
. . . . . . . . . . . . . . . . . . . . .
8.36
Asynchronous Request Filter Low Register
8−34
. . . . . . . . . . . . . . . . . . . . .
8.37
Physical Request Filter High Register
8−35
. . . . . . . . . . . . . . . . . . . . . . . . . .
8.38
Physical Request Filter Low Register
8−37
. . . . . . . . . . . . . . . . . . . . . . . . . .
8.39
Physical Upper Bound Register (Optional Register)
8−37
. . . . . . . . . . . . . .
8.40
Asynchronous Context Control Register
8−38
. . . . . . . . . . . . . . . . . . . . . . . .
8.41
Asynchronous Context Command Pointer Register
8−39
. . . . . . . . . . . . . .
8.42
Isochronous Transmit Context Control Register
8−40
. . . . . . . . . . . . . . . . . .
8.43
Isochronous Transmit Context Command Pointer Register
8−41
. . . . . . . .
8.44
Isochronous Receive Context Control Register
8−41
. . . . . . . . . . . . . . . . . .
8.45
Isochronous Receive Context Command Pointer Register
8−43
. . . . . . . .
8.46
Isochronous Receive Context Match Register
8−44
. . . . . . . . . . . . . . . . . . .
9
TI Extension Registers
9−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.1
DV and MPEG2 Timestamp Enhancements
9−1
. . . . . . . . . . . . . . . . . . . . .
9.2
Isochronous Receive Digital Video Enhancements
9−2
. . . . . . . . . . . . . . .
9.3
Isochronous Receive Digital Video Enhancements Register
9−2
. . . . . . .
9.4
Link Enhancement Register
9−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.5
Timestamp Offset Register
9−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10 PHY Register Configuration
10−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.1
Base Registers
10−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.2
Port Status Register
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.3
Vendor Identification Register
10−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4
Vendor-Dependent Register
10−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.5
Power-Class Programming
10−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11 PCI Firmware Loading Function Programming Model (Function 3)
11−1
. . . .
11.1
Vendor ID Register
11−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.2
Device ID Register
11−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.3
Command Register
11−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.4
Status Register
11−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.5
Class Code and Revision ID Register
11−4
. . . . . . . . . . . . . . . . . . . . . . . . . .
11.6
Cache Line Size Register
11−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.7
Latency Timer Register
11−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.8
Header Type Register
11−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.9
BIST Register
11−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.10 Base Address Register
11−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.11 Subsystem Vendor ID Register
11−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.12 Subsystem ID Register
11−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.13 Capabilities Pointer Register
11−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.14 Interrupt Line Register
11−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.15 Interrupt Pin Register
11−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - PCI7610LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7610 TI1-PCI7610 Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
PCI7610GHK TI1-PCI7610GHK Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
PCI7610 TI1-PCI7610_10 Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
More results

Similar Description - PCI7610LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI4520 TI-PCI4520 Datasheet
1Mb / 211P
[Old version datasheet]   DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com