Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10173 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10173
Description  Quad 2-Input Multiplexer/Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10173 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10173 Datasheet HTML 1Page - ON Semiconductor MC10173 Datasheet HTML 2Page - ON Semiconductor MC10173 Datasheet HTML 3Page - ON Semiconductor MC10173 Datasheet HTML 4Page - ON Semiconductor MC10173 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10173
3–119
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
16
Input Current
5
6
7
9
5
6
7
9
8
8
8
8
16
16
16
16
IinL
All
*
8
16
Output Voltage
Logic 1
VOH
1
2
6, 9
5
7
7
8
8
16
16
Output Voltage
Logic 0
VOL
1
2
9
7
7
8
8
16
16
Threshold Voltage
Logic 1
VOHA
1
2
9
7
7
6
5
8
8
16
16
Threshold Voltage
Logic 0
VOLA
1
2
9
7
7
6
5
8
8
16
16
Switching Times
(50
Ω Load)
+1.11V
+0.31V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
Data Input
t6+1+
t6–1–
t5+1+
t5–1–
1
1
1
1
9
9
7
7
7
7
6
6
5
5
1
1
1
1
8
8
8
8
16
16
16
16
Clock Input
t7–1+
t7–1–
1
1
5, 7
5, 7
1
1
8
8
16
16
Select Input
t9+1+
t9+1–
t9–1+
t9–1–
1
1
1
1
6
5
5
6
7
7
7
7
9
9
9
9
1
1
1
1
8
8
8
8
16
16
16
16
Setup TIme
Data Input
Select Input
tsetup
tsetup
1
1
6
5, 7
7, 9
1
1
8
8
16
16
Hold TIme
Data Input
Select Input
thold
thold
1
1
6
5, 7
7, 9
1
1
8
8
16
16
Rise Time
(20 to 80%)
t+
1
5
7
1
8
16
Fall Time
(20 to 80%)
t–
1
7
1
8
16
*VILmin applied to each input pin, one at a time.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10173

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10173 ONSEMI-MC10173 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173FN ONSEMI-MC10173FN Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173L ONSEMI-MC10173L Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173P ONSEMI-MC10173P Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
More results

Similar Description - MC10173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
logo
ON Semiconductor
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com