Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCF162835GR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCF162835GR
Description  3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCF162835GR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVCF162835GR Datasheet HTML 1Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 2Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 3Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 4Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 5Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 6Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 7Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 8Page - Texas Instruments SN74ALVCF162835GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74ALVCF162835
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES397A – JULY 2002 – REVISED AUGUST 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -0.1 mA
2.3 V to 3.6 V
VCC - 0.2
IOH = -6 mA
1.9
2.3 V
IOH = -8 mA
1.7
VOH
IOH = -6 mA
2.2
V
2.7 V
IOH = -12 mA
2
IOH = -8 mA
2.4
3 V
IOH = -18 mA
2
IOL = 0.1 mA
2.3 V to 3.6 V
0.2
IOL = 6 mA
0.4
2.3 V
IOL = 8 mA
0.55
VOL
IOL = 6 mA
0.4
V
2.7 V
IOL = 12 mA
0.6
IOL = 8 mA
0.55
3 V
IOL = 18 mA
0.8
VIK
VCC = 2.3 V,
II = -18 mA
3.6 V
-1.2
V
Vhys
VCC = 3.6 V
3.6 V
100
mV
II
VI = VCC or GND
3.6 V
±5
µA
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
0.1
40
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Inputs
VI = 0 V
3.3 V
3.5
pF
Co
Outputs
VO = 0 V
3.3 V
4.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 and Figure 2)
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
MHz
LE high
3.3
3.3
3.3
tw
Pulse duration
ns
CLK high or low
3.3
3.3
3.3
Data before CLK
1.8
1.5
1
tsu
Setup time
CLK high
1.9
1.6
1.5
ns
Data before LE
CLK low
1.3
1.1
1
Data after CLK
0.6
0.6
0.6
th
Hold time
ns
Data after LE
CLK high or low
1.4
1.7
1.4
4


Similar Part No. - SN74ALVCF162835GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCF162835GR TI-SN74ALVCF162835GR Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCF162835GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com