Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-561Y-KK300 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 5082-561Y-KK300
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-561Y-KK300 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  5082-561Y-KK300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-561Y-KK300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Absolute Maximum Ratings
Description
HER
Green
Yellow
AlGaAs
Units
Average Power per Segment or DP
105
105
105
37
mW
Peak Forward Current per Segment or DP
90
90
90
45
mA
DC Forward Current per Segment or DP
30
30
30
15
mA
Operating Temperature Range
–40 to +80
–40 to +80
–40 to +80
–20 to +80
˚C
Storage Temperature Range
–40 to +80
–40 to +80
–40 to +80
–40 to +80
˚C
Reverse Voltage per Segment or DP
5
5
5
5
V
Wavesoldering Temperature for 3 Seconds
250
250
250
250
˚C
1.59 mm below body
Notes:
1. Derate above 33˚C at 0.34 mA/˚C for HER.
2. Derate above 27˚C at 0.32 mA/˚C for Green.
3. Derate above 30˚C at 0.33 mA/˚C for Yellow.
4. Derate above 60˚C at 0.25 mA/˚C for AlGaAs.
HER
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
561/563E
Luminous Intensity/Segment
IV
2.001
3.526
mcd
IF = 10 mA
(Digit Average)
Forward Voltage/Segment
VF
1.90
2.50
V
IF = 20 mA
or DP
Peak Wavelength
λPEAK
635
nm
IF = 20 mA
Dominant Wavelength
λd
625
nm
IF = 20 mA
Reverse Current
IR
100
µAVR = 5 V
Thermal Resistance LED
R
θJ–PIN
351.5
˚C/W/Seg.
Junction-to-Pin
Electrical/Optical Characteristics at TA = 25˚C
HER
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
301/303E
Luminous Intensity/Segment
IV
1.251
2.000
mcd
IF = 10 mA
(Digit Average)
Forward Voltage/Segment
VF
1.90
2.50
V
IF = 20 mA
or DP
Peak Wavelength
λPEAK
635
nm
IF = 20 mA
Dominant Wavelength
λd
625
nm
IF = 20 mA
Reverse Current
IR
100
µAVR = 5 V
Thermal Resistance LED
R
θJ–PIN
351.5
˚C/W/Seg.
Junction-to-Pin


Similar Part No. - 5082-561Y-KK300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5601-00000 HP-5082-5601-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5601-0E000 HP-5082-5601-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5601-0F000 HP-5082-5601-0F000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5601-0G000 HP-5082-5601-0G000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5601-0H000 HP-5082-5601-0H000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-561Y-KK300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com