Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA1003 Datasheet(PDF) 13 Page - Microchip Technology

Part # DSA1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1003 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSA1003 Datasheet HTML 9Page - Microchip Technology DSA1003 Datasheet HTML 10Page - Microchip Technology DSA1003 Datasheet HTML 11Page - Microchip Technology DSA1003 Datasheet HTML 12Page - Microchip Technology DSA1003 Datasheet HTML 13Page - Microchip Technology DSA1003 Datasheet HTML 14Page - Microchip Technology DSA1003 Datasheet HTML 15Page - Microchip Technology DSA1003 Datasheet HTML 16Page - Microchip Technology DSA1003 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2017 Microchip Technology Inc.
DS20005889A-page 13
DSA1001/3/4
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Example
4-Lead CDFN/DFN*
XXXXXXX
0SSS
DCPYYWW
0200000
0603
DCP1121
Legend: XX...X
Product code, customer-specific information, or frequency in MHz
without printed decimal point
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e


Similar Part No. - DSA1003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
   1.0A Power Rectifier
logo
IXYS Corporation
DSA10C150PB IXYS-DSA10C150PB Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA10C150UC IXYS-DSA10C150UC Datasheet
150Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
logo
Sanyo Semicon Device
DSA10G SANYO-DSA10G Datasheet
40Kb / 2P
   1.0A Power Rectifier
logo
IXYS Corporation
DSA10I100PM IXYS-DSA10I100PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
More results

Similar Description - DSA1003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
logo
Kyocera Kinseki Corpota...
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
   CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
   Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com