Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DSA1001DI1T Datasheet(HTML) 4 Page - Microchip Technology

Part No. DSA1001DI1T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

DSA1001DI1T Datasheet(HTML) 4 Page - Microchip Technology

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 22 page
background image
DSA1001/3/4
DS20005889A-page 4
 2017 Microchip Technology Inc.
Output Transition Rise
Time
tR
1.4
3.0
ns
DSA1001,
CL = 15 pF
T = +25°C,
20% to 80%
1.5
3.0
DSA1003,
CL = 25 pF
1.8
3.0
DSA1004,
CL = 40 pF
Output Transition Fall
Time
tF
1.0
3.0
ns
DSA1001,
CL = 15 pF
T = +25°C,
20% to 80%
1.1
3.0
DSA1003,
CL = 25 pF
1.2
3.0
DSA1004,
CL = 40 pF
Jitter, Max.
Cycle-to-Cycle
JCC
60
ps
f = 100 MHz (Note 2)
Period Jitter
JP
10
15
psRMS f = 100 MHz (Note 2)
VDD = 2.5V
Supply Current, No Load
IDD
6.0
6.4
mA
1 MHz
CL = 0 pF,
RL = ∞,
T = +25°C
6.7
7.5
27 MHz
7.7
9.4
70 MHz
9.6
13.9
150 MHz
Output Logic Level High
VOH
0.9 x VDD
V
–6 mA, DSA1004, CL = 40 pF
0.8 x VDD
V
–6 mA, DSA1003, CL = 25 pF
0.8 x VDD
V
–4 mA, DSA1001, CL = 15 pF
Output Logic Level Low
VOL
0.1 x VDD
V
6 mA, DSA1004, CL = 40 pF
0.2 x VDD
V
6 mA, DSA1003, CL = 25 pF
0.2 x VDD
V
4 mA, DSA1001, CL = 15 pF
Output Transition Rise
Time
tR
1.0
2.0
ns
DSA1001, CL =
15 pF
T = +25°C,
20% to 80%
1.1
2.0
DSA1003,
CL = 25 pF
1.2
2.0
DSA1004,
CL = 40 pF
Output Transition Fall
Time
tF
0.9
2.0
ns
DSA1001,
CL = 15 pF
T = +25°C,
20% to 80%
1.0
2.0
DSA1003,
CL = 25 pF
1.1
2.0
DSA1004,
CL = 40 pF
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 1.8 to 3.3V; TA = +85°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: tSU is time to stable output frequency after VDD is applied. tSU and tEN (after EN is asserted) are identical
values.
2: Measured over 50k clock cycles.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn