Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DSA1001DI1T Datasheet(HTML) 10 Page - Microchip Technology

Part No. DSA1001DI1T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

DSA1001DI1T Datasheet(HTML) 10 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 22 page
background image
DSA1001/3/4
DS20005889A-page 10
 2017 Microchip Technology Inc.
5.0
TEST CIRCUIT
0.01μF
VDD
15pF
IDD
*VSD
4
1
2
3
*VSD = Standby# Logic Level Input
FIGURE 5-1:
DSA1001/3/4 Test Circuit.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn