Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EC103D1W Datasheet(HTML) 9 Page - WeEn Semiconductors

Part No. EC103D1W
Description  SCR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEEN [WeEn Semiconductors]
Homepage  http://www.ween-semi.com
Logo 

EC103D1W Datasheet(HTML) 9 Page - WeEn Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 13 page
background image
WeEn Semiconductors
EC103D1W
SCR
EC103D1W
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
9 / 13
Tj (°C)
-50
150
100
0
50
aaa-007704
1
2
3
IH
IH(25°C)
0
Fig. 11. Normalized holding current as a function of
junction temperature
0
2
1.5
0.5
1
aaa-007705
1
1.5
0.5
2
2.5
0
VT (V)
IT
(A)
(2)
(3)
(1)
Vo = 0.987 V; Rs = 0.3125 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig. 12. On-state current as a function of on-state
voltage
Tj (°C)
-50
150
100
0
50
aaa-007706
0.8
1.2
1.6
0.4
VGT
VGT(25°C)
Fig. 13. Normalized gate trigger voltage as a function of junction temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn