Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EC103D1W Datasheet(HTML) 3 Page - WeEn Semiconductors

Part No. EC103D1W
Description  SCR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEEN [WeEn Semiconductors]
Homepage  http://www.ween-semi.com
Logo 

EC103D1W Datasheet(HTML) 3 Page - WeEn Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 13 page
background image
WeEn Semiconductors
EC103D1W
SCR
EC103D1W
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
3 / 13
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state
voltage
-
400
V
VRRM
repetitive peak reverse
voltage
-
400
V
IT(AV)
average on-state current half sine wave; Tsp ≤ 114 °C; Fig. 1
-
0.5
A
IT(RMS)
RMS on-state current
half sine wave; Tsp ≤ 114 °C; Fig. 2; Fig. 3
-
0.8
A
half sine wave; Tj(init) = 25 °C; tp = 10 ms;
Fig. 4; Fig. 5
-
8
A
ITSM
non-repetitive peak on-
state current
half sine wave; Tj(init) = 25 °C; tp = 8.3 ms
-
9
A
I2t
I2t for fusing
tp = 10 ms; sine-wave pulse
-
0.32
A²s
dIT/dt
rate of rise of on-state
current
IT = 2 A; IG = 0.01 A; dIG/dt = 0.1 A/µs
-
50
A/µs
IGM
peak gate current
-
1
A
VRGM
peak reverse gate
voltage
-
5
V
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
aaa-007698
0.4
0.2
0.6
0.8
0
0
0.6
0.4
0.2
0.1
0.5
0.3
Ptot
(W)
IT(AV)(A)
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
125
119
116
113
Tsp(max)
(°C)
122
a = 1.57
2.2
2.8
4
1.9
a = Form factor = IT(RMS)/IT(AV)
Fig. 1. Total power dissipation as a function of average on-state current; maximum values


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn