Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EC103D1W Datasheet(HTML) 4 Page - WeEn Semiconductors

Part No. EC103D1W
Description  SCR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEEN [WeEn Semiconductors]
Homepage  http://www.ween-semi.com
Logo 

EC103D1W Datasheet(HTML) 4 Page - WeEn Semiconductors

  EC103D1W Datasheet HTML 4Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 13 page
background image
WeEn Semiconductors
EC103D1W
SCR
EC103D1W
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
4 / 13
Tsp (°C)
-50
150
100
0
50
aaa-007696
0.4
0.6
0.2
0.8
1
IT(RMS)
(A)
0
114°C
Fig. 2. RMS on-state current as a function of solder
point temperature; maximum values
aaa-007697
2
4
6
IT(RMS)
(A)
0
surge duration (s)
10-2
10
1
10-1
f = 50 Hz; Tsp = 114 °C
Fig. 3. RMS on-state current as a function of surge
duration; maximum values
tp
Tj(init) = 25 °C max
IT
ITSM
t
aaa-007699
1
10
102
103
number of cycles
0
2
6
8
10
ITSM
(A)
4
f = 50 Hz
Fig. 4. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn