Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EC103D1W Datasheet(HTML) 5 Page - WeEn Semiconductors

Part No. EC103D1W
Description  SCR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEEN [WeEn Semiconductors]
Homepage  http://www.ween-semi.com
Logo 

EC103D1W Datasheet(HTML) 5 Page - WeEn Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 13 page
background image
WeEn Semiconductors
EC103D1W
SCR
EC103D1W
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
5 / 13
aaa-007700
tp (s)
10-5
10-1
10-2
10-4
10-3
102
10
103
ITSM
(A)
1
tp
Tj(init) = 25 °C max
IT
ITSM
t
tp ≤ 10 ms
Fig. 5. Non-repetitive peak on-state current as a function of pulse width for sinusoidal currents; maximum values


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn