Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC9961 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC9961
Description  LED Driver with Average-Mode Constant Current Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9961 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC9961 Datasheet HTML 1Page - First Silicon Co., Ltd FC9961 Datasheet HTML 2Page - First Silicon Co., Ltd FC9961 Datasheet HTML 3Page - First Silicon Co., Ltd FC9961 Datasheet HTML 4Page - First Silicon Co., Ltd FC9961 Datasheet HTML 5Page - First Silicon Co., Ltd FC9961 Datasheet HTML 6Page - First Silicon Co., Ltd FC9961 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FC9961
2015. 03. 23
3/7
Revision No : 1
Sym
Description
Min
Typ
Max
Units Conditions
Internal Regulator
V
DD
Internally regulated voltage
-
7.25
7.50
7.75
V
V
IN = 8.0V, IDD(ext) = 0,
500pF at GATE; R
T = 226kΩ
ΔV
DD, line
Line regulation of V
DD
-
0
-
1.0
V
V
IN = 8.0 - 450V, IDD(ext) = 0,
500pF at GATE; R
T = 226kΩ
ΔV
DD, load
Load regulation of V
DD
-
0
-
100
mV
I
DD(ext) = 0 - 1.0mA,
500pF at GATE; R
T = 226kΩ
UVLO
V
DD undervoltage lockout
threshold
*
6.45
6.70
6.95
V
V
IN rising
∆UVLO
V
DD undervoltage lockout
hysteresis
-
-
500
-
mV
V
IN falling
I
IN,MAX
Maximum input current
(limited by UVLO)
#
3.5
-
-
mA
V
IN = 8.0V, TA = 25
O
C
#
1.5
-
-
V
IN = 8.0V, TA = 125
O
C
PWM Dimming
V
EN(lo)
PWMD input low voltage
*
-
-
0.8
V
V
IN = 8.0 - 450V
V
EN(hi)
PWMD input high voltage
*
2.0
-
-
V
V
IN = 8.0 - 450V
R
EN
Internal pull-down resistance
at PWMD
-
50
100
150
kΩ
V
PWMD = 5.0V
Average Current Sense Logic
V
CS
Current sense reference voltage -
238
250
262
mV
---
A
V(LD)
LD-to-CS voltage ratio
-
0.176 0.181 0.187
-
---
AV
LD(OFFSET)
LD-to-CS voltage offset
-
0
-
10
mV
Offset = V
CS - AV(LD) • VLD;
V
LD = 1.2V
-
CS threshold temp regulation
*
-
-
5.0
mV
---
V
LD(OFF)
LD input voltage, shutdown
-
-
150
-
mV
V
LD falling
ΔV
LD(OFF)
LD input voltage, enable
-
-
200
-
mV
V
LD rising
T
BLANK
Current sense blanking interval
*
150
-
280
ns
---
T
ON(min)
Minimum on-time
-
-
-
1000
ns
CS = V
CS +30mV
D
MAX
Maximum steady-state duty
cycle
-
75
-
-
%
Reduction in output LED current
may occur beyond this duty cycle
Short Circuit Protection
V
CS
Hiccup threshold voltage
-
410
-
470
mV
---
T
DELAY
Current limit delay CS-to-GATE
-
-
-
150
ns
CS = V
CS +30mV
T
HICCUP
Short circuit hiccup time
-
350
-
460
μs
---
T
ON(min)
Minimum on-time (short circuit)
-
-
-
430
ns
CS = V
DD
Notes:
*
Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +125°C.
#
Guaranteed by design.
Electrical Characteristics (Specifications are at T
A = 25°C. VIN = 12V, VLD = VDD, PWMD = VDD unless otherwise noted))


Similar Part No. - FC9961

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results

Similar Description - FC9961

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com