Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR54U Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR54U
Description  Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54U Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR54U Datasheet HTML 1Page - First Silicon Co., Ltd FDR54U Datasheet HTML 2Page - First Silicon Co., Ltd FDR54U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
A
D
1
2
B
C
E
0.63
0.02''
0.83
0.033''
1.60
0.063"
2.85
0.112''
mm
inches
H
J
SOD-323
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
MIN
MAX
MIN
MAX
1.60
1.80
0.063
0.071
1.15
1.35
0.045
0.053
0.80
1.00
0.031
0.039
0.25
0.40
0.010
0.016
F
E
R
6
0
0
.
0
F
E
R
5
1
.
0
0.00
0.10
0.000
0.004
0.089
0.177
0.0035
0.0070
2.30
2.70
0.091
0.106
MILLIMETERS
DIM
A
B
C
D
E
H
J
K
INCHES
PIN:1:CATHODE
2:ANODE
FDR54U
2009. 04. 13
3/3
Revision No : 0


Similar Part No. - FDR54U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR54UU FS-FDR54UU Datasheet
125Kb / 3P
   Schottky Barrier Diodes
More results

Similar Description - FDR54U

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com