Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDR54SUT3G Datasheet(HTML) 2 Page - First Silicon Co., Ltd

Part No. FDR54SUT3G
Description  Dual Series Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FS [First Silicon Co., Ltd]
Homepage  http://www.firstsilicon.co.kr/
Logo 

FDR54SUT3G Datasheet(HTML) 2 Page - First Silicon Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (I
F ) of 10mA.
2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
100
10
1 0
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
150°C
T
A = 150°C
T
A = 125°C
T
A = 85°C
T
A = 25°C
0
5
10
15
20
25
30
1000
100
10
1 0
0.1
0.01
0 001
0
5
10
15
20
25
30
14
12
10
8
6
4
2
0
V
F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V
R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V
R , REVERSE VOLTAGE (VOLTS)
Figure 4. Total Capacitance
125°C
85°C
25°C
– 40°C
–55°C
+10 V
2.0 k
820 Ω
100 µH
0.1µF
D.U.T.
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
t
r
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUT SIGNAL
I
F
V
R
FDR54SU
2009. 05. 08
2/3
Revision No : 0


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn